データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23418TFRUZ-T7A データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL23418TFRUZ-T7A
部品情報  Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23418TFRUZ-T7A データシート(HTML) 3 Page - Intersil Corporation

  ISL23418TFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23418TFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL23418
3
FN7901.0
August 3, 2011
Ordering Information
PART NUMBER
(Note 5)
PART
MARKING
RESISTANCE
OPTION
(kΩ)
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL23418TFUZ (Notes 1, 3)
3418T
100
-40 to +125
10 Ld MSOP
M10.118
ISL23418UFUZ (Notes 1, 3)
3418U
50
-40 to +125
10 Ld MSOP
M10.118
ISL23418WFUZ (Notes 1, 3)
3418W
10
-40 to +125
10 Ld MSOP
M10.118
ISL23418TFRUZ-T7A (Notes 2, 4)
HL
100
-40 to +125
10 Ld 2.1x1.6 µTQFN
L10.2.1x1.6A
ISL23418TFRUZ-TK (Notes 2, 4)
HL
100
-40 to +125
10 Ld 2.1x1.6 µTQFN
L10.2.1x1.6A
ISL23418UFRUZ-T7A (Notes 2, 4)
HK
50
-40 to +125
10 Ld 2.1x1.6 µTQFN
L10.2.1x1.6A
ISL23418UFRUZ-TK (Notes 2, 4)
HK
50
-40 to +125
10 Ld 2.1x1.6 µTQFN
L10.2.1x1.6A
ISL23418WFRUZ-T7A (Notes 2, 4)
HJ
10
-40 to +125
10 Ld 2.1x1.6 µTQFN
L10.2.1x1.6A
ISL23418WFRUZ-TK (Notes 2, 4)
HJ
10
-40 to +125
10 Ld 2.1x1.6 µTQFN
L10.2.1x1.6A
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate -
e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. For Moisture Sensitivity Level (MSL), please see device information page for ISL23418. For more information on MSL please see Tech Brief TB363.


同様の部品番号 - ISL23418TFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL23418TFRUZ-T7A RENESAS-ISL23418TFRUZ-T7A Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

同様の説明 - ISL23418TFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com