データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL26134 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL26134
部品情報  Low-Noise 24-bit Delta Sigma ADC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26134 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL26134 Datasheet HTML 2Page - Intersil Corporation ISL26134 Datasheet HTML 3Page - Intersil Corporation ISL26134 Datasheet HTML 4Page - Intersil Corporation ISL26134 Datasheet HTML 5Page - Intersil Corporation ISL26134 Datasheet HTML 6Page - Intersil Corporation ISL26134 Datasheet HTML 7Page - Intersil Corporation ISL26134 Datasheet HTML 8Page - Intersil Corporation ISL26134 Datasheet HTML 9Page - Intersil Corporation ISL26134 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL26132, ISL26134
6
FN6954.1
September 9, 2011
CMRR
Common Mode Rejection
At DC, Gain = 1,
ΔV = 1V
85
100
dB
At DC, Gain = 128,
ΔV = 0.1V
100
dB
50Hz/60Hz Rejection (Note 9)
External 4.9152MHz Clock
130
dB
PSRR
Power Supply Rejection
At DC, Gain = 1,
ΔV = 1V
82
100
dB
At DC, Gain = 128,
ΔV = 0.1V
100
105
dB
Input Referred Noise
See “Typical Characteristics” beginning
on page 8
Noise Free Bits
See “Typical Characteristics” beginning
on page 8
VOLTAGE REFERENCE INPUT
VREF
Voltage Reference Input
VREF = VREF+ - VREF-
1.5
AVDD
AVDD + 0.1
V
VREF-
Negative Reference Input
AGND - 0.1
VREF+ - 1.5
V
VREF+
Positive Reference Input
VREF- + 1.5
AVDD + 0.1
V
IREF
Voltage Reference Input Current
±350
nA
POWER SUPPLY REQUIREMENTS
AVDD
Analog Supply Voltage
4.75
5.0
5.25
V
DVDD
Digital Supply Voltage
2.7
3.3
5.25
V
AIDD
Analog Supply Current
Normal Mode, AVDD = 5, Gain = 1, 2
7
8.5
mA
Normal Mode, AVDD = 5, Gain = 64, 128
9
12
mA
Standby Mode
0.2
3
µA
Power-Down
0.2
2.5
µA
DIDD
Digital Supply Current
Normal Mode, AVDD = 5, Gain = 1, 2
750
950
µA
Normal Mode, AVDD = 5, Gain = 64, 128
750
950
µA
Standby Mode
1.5
26
µA
Power-Down
1
26
µA
PD
Power Dissipation, Total
Normal Mode, AVDD = 5, Gain = 1, 2
49.6
mW
Normal Mode, AVDD = 5, Gain = 64, 128
68
mW
Standby Mode
0.14
mW
Power-Down
0.14
mW
DIGITAL INPUTS
VIH
0.7 DVDD
V
VIL
0.2 DVDD
V
VOH
IOH = -1mA
DVDD - 0.4
V
VOL
IOL = 1mA
0.2 DVDD
V
Input Leakage Current
±10
µA
External Clock Input Frequency
0.3
4.9152
MHz
Serial Clock Input Frequency
1
MHz
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. FSR = Full Scale Range = VREF/Gain
8. Gain accuracy is calibrated at the factory (AVDD = +5V).
9. Specified for word rate equal to 10Sps.
Electrical Specifications VREF+ = 5V, VREF- = 0V, AVDD = 5V, DVDD = 5V, AGND = DGND = 0V, MCLK = 4.9152MHz, and
TA = -40°C to +105°C, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +105°C (Continued)
SYMBOL
PARAMETER
TEST LEVEL or NOTES
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS


同様の部品番号 - ISL26134

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL26134 INTERSIL-ISL26134 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL26134 RENESAS-ISL26134 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26134AV28EV1Z INTERSIL-ISL26134AV28EV1Z Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Renesas Technology Corp
ISL26134AV28EV1Z RENESAS-ISL26134AV28EV1Z Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26134AVZ INTERSIL-ISL26134AVZ Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
More results

同様の説明 - ISL26134

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26132AVZ INTERSIL-ISL26132AVZ Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Analog Devices
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731 Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com