データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYZ35A22 データシート(PDF) 2 Page - Diotec Semiconductor

部品番号 BYZ35A22
部品情報  Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIOTEC [Diotec Semiconductor]
ホームページ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYZ35A22 データシート(HTML) 2 Page - Diotec Semiconductor

  BYZ35A22 Datasheet HTML 1Page - Diotec Semiconductor BYZ35A22 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BYZ35A22 ... BYZ35A47, BYZ35K22 ... BYZ35K47
Characteristics
Kennwerte
Forward Voltage
Durchlass-Spannung
Tj = 25°C
IF = 35 A
VF
< 1.1 V
Thermal Resistance Junction – Case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 0.8 K/W
Maximum pressing force
Maximaler Einpressdruck
Fpmax
7 kN
© Diotec Semiconductor AG
http://www.diotec.com/
2
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus case temperature
Zul. Richtstrom in Abh. von der Gehäusetemp.
[°C]
T
C
150
100
50
0
200
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
10
10
10
1
10
3
2
-1
[A]
I
F
T = 25°C
j
T = 125°C
j
360a-(35a-1,1v)
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
10
3
2
[A]
î
F
1
10
10
[n]
10
2
3


同様の部品番号 - BYZ35A22

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22 Datasheet
152Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Semikron International
BYZ35A22 SEMIKRON-BYZ35A22 Datasheet
206Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic - High Temperature Diodes
logo
Semikron International
BYZ35A22 SEMIKRON-BYZ35A22 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22 Datasheet
108Kb / 2P
   High Temperature Diodes
More results

同様の説明 - BYZ35A22

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22_07 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic - High Temperature Diodes
BYZ50A22 DIOTEC-BYZ50A22_09 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ50A22 DIOTEC-BYZ50A22_07 Datasheet
72Kb / 2P
   Silicon-Protectifiers with TVS characteristic -High Temperature Diodes
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
   Silicon Protectifiers with TVS characteristic - Button Diodes
RA32Z39 DIOTEC-RA32Z39_14 Datasheet
229Kb / 2P
   Silicon Protectifiers with TVS characteristic
logo
Semikron International
BYZ35A22 SEMIKRON-BYZ35A22_06 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22 Datasheet
152Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ50A22 DIOTEC-BYZ50A22 Datasheet
163Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Semikron International
BYZ50A22 SEMIKRON-BYZ50A22_06 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ35A22 SEMIKRON-BYZ35A22 Datasheet
206Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com