データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC327-XBK データシート(PDF) 2 Page - Diotec Semiconductor

部品番号 BC327-XBK
部品情報  General Purpose Si-Epitaxial Planar Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIOTEC [Diotec Semiconductor]
ホームページ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC327-XBK データシート(HTML) 2 Page - Diotec Semiconductor

  BC327-XBK Datasheet HTML 1Page - Diotec Semiconductor BC327-XBK Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC327-xBK / BC328-xBK
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Base-Emitter-voltage – Basis-Emitter-Spannung 2)
- VCE = 1 V, - IC = 300 mA,
- VBE
1.2 V
Collector-Emitter cutoff current – Kollektor-Emitter-Reststrom
- VCE = 45 V, (B-E short)
- VCE = 25 V, (B-E short)
BC327
BC328
- ICES
- ICES
2 nA
2 nA
100 nA
100 nA
- VCE = 45 V, Tj = 125°C, (B-E short)
- VCE = 25 V, Tj = 125°C, (B-E short)
BC327
BC328
- ICES
- ICES
10 µA
10 µA
Gain-Bandwidth Product – Transitfrequenz
- VCE = 5 V, - IC = 10 mA, f = 50 MHz
fT
100 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- VCB = 10 V, IE =ie = 0, f = 1 MHz
CCBO
12 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 200 K/W 1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BC337 / BC338
Available current gain groups per type
Lieferbare Stromverstärkungsgruppen pro Typ
BC327-16
BC327-25
BC327-40
BC328-16
BC328-25
BC328-40
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1


同様の部品番号 - BC327-XBK

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BC327-016G ONSEMI-BC327-016G Datasheet
147Kb / 5P
   Amplifier Transistors
December, 2006 ??Rev. 4
BC327-025 ONSEMI-BC327-025 Datasheet
147Kb / 5P
   Amplifier Transistors
December, 2006 ??Rev. 4
BC327-025G ONSEMI-BC327-025G Datasheet
147Kb / 5P
   Amplifier Transistors
December, 2006 ??Rev. 4
BC327-025G ONSEMI-BC327-025G Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
BC327-025G ONSEMI-BC327-025G Datasheet
108Kb / 5P
   Amplifier Transistors
September, 2011 ??Rev. 6
More results

同様の説明 - BC327-XBK

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
2N4403 DIOTEC-2N4403 Datasheet
104Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
2N4401 DIOTEC-2N4401 Datasheet
102Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC337-XBK DIOTEC-BC337-XBK Datasheet
95Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC546XBK DIOTEC-BC546XBK Datasheet
87Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
2N5400 DIOTEC-2N5400 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC546 DIOTEC-BC546_07 Datasheet
100Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
2N5550 DIOTEC-2N5550 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
2N5172 DIOTEC-2N5172 Datasheet
105Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC327 DIOTEC-BC327_07 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
BC337 DIOTEC-BC337_07 Datasheet
105Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com