データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMX-G22S データシート(PDF) 1 Page - Sanken electric

部品番号 FMX-G22S
部品情報  Silicon Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMX-G22S データシート(HTML) 1 Page - Sanken electric

  FMX-G22S Datasheet HTML 1Page - Sanken electric FMX-G22S Datasheet HTML 2Page - Sanken electric FMX-G22S Datasheet HTML 3Page - Sanken electric FMX-G22S Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FMX-G22S
030901
1/4
61426-01
SANKEN ELECTRIC CO., LTD.
1. Scope
The present specifications shall apply to Sanken silicon diode, FMX-G22S.
2. Outline
Type
Silicon Diode
Structure
Resin Molded
Flammability: UL94V-0 (Equivalent)
Applications
High Frequency Rectification,etc.
3. Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
200
2
Peak Reverse Voltage
VRM
V
200
3
Average Forward Current
IF(AV)
A
10
Tc=97°C, sinewave
4
Peak Surge Forward Current
IFSM
A
150
10msec.
10msec. half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
112.5
6
Junction Temperature
Tj
°C
40∼ +150
7
Storage Temperature
Tstg
°C
40∼ +150
8
Dielectric Strength
kV
A.C. 1.0
Junction and case (1min.)
4. Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.98 max.
IF=10A
2
Reverse Leakage Current
IR
µA
200 max.
VR=VRM
3
Reverse Leakage Current
Under High Temperature
H・IR
mA
50 max.
VR=VRM,Tj=150°C
4
Reverse Recovery Time
trr1
ns
30 max.
IF=IRP=500mA, Tj=25°C
90% Recovery point
trr2
ns
25 max.
IF=500mA, IRP=1A, Tj=25°C
75% Recovery point
5
Thermal Resistance
Rth (j-c)
°C/W
4.0 max.
Between Junction and case.


同様の部品番号 - FMX-G22S

メーカー部品番号データシート部品情報
logo
Sanken electric
FMX-G22S SANKEN-FMX-G22S Datasheet
22Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMX-G22S SANKEN-FMX-G22S Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
FMX-G22S SANKEN-FMX-G22S Datasheet
205Kb / 4P
   Silicon Diode
More results

同様の説明 - FMX-G22S

メーカー部品番号データシート部品情報
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com