データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1084R データシート(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM1084R
部品情報  5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1084R データシート(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

  LM1084R Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1084R Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084
THERMAL CONSIDERATIONS
The LM1084 series have internal power and thermal limiting circuitry designed to protect the device under
overload cinditions. However maximum junction temperature ratings should not be exceeded under continous
normal load conditions.
Careful consideration must be given to all sourses of thermal resistance from junction to ambient, including
junction-to- ase, case-to-heat sink interface and heat sink resistance itself. To ensure safe operating
temperatures and reflect more accurately the device temperature, new thermal resistance specifications have
been developed. Unlike order reguators with a single junction-to-case thermal resistance speccification, the
data section for these new regulators provides a separate thermal resistance and maximum juntion temperature
for both the Control Section and the Power Transistor. Calculations for both temperatures under certain
conditions of ambient temperature and heat sink resistance and to ensure that both thermal limits are met.
Junction-to-case thermal resistance is specified from the IC junction to the bottom of the case directly below
the die. This is the lowest resistance path for the heat flow. In order to ensure the best possible thermal flow
from this area of the package to the heat sink proper mounting is required. Thermal compound at the case-
to-heat sink interface is recommended. A thermarlly conductive spacer can be used, if the case of the device
must be electrically isolated, but its added contribution to thermal resistance has to be considered.
HTC
- 7 -


同様の部品番号 - LM1084R

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Tiger Electronic Co.,Lt...
LM1084-15 TGS-LM1084-15 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
More results

同様の説明 - LM1084R

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
   5A Low drop positive voltage regulator adjustable and fixed
logo
Linear Technology
LT138A LINER-LT138A_15 Datasheet
225Kb / 14P
   5A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
UA79HG ETC1-UA79HG Datasheet
253Kb / 4P
   5A NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LT338A LINER-LT338A_15 Datasheet
225Kb / 14P
   5A Positive Adjustable Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com