データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085 データシート(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM1085
部品情報  3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1085 データシート(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

  LM1085 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1085 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1085 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1085 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1085 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1085 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1085 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1085 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085
APPLICATION INFORMATION
The LM1085 series of adjustable and fixed regulators are easy to use and have all the protection features
expected in high performance voltage regulators : short circuit protection and thermal shut-down. Pin compatible
with older three terminal adjustable regulators, these devices offer the advantage of a lower dropout voltage,
more precies reference tolerance and improved reference stability with temperature.
STABILITY
The circuit design used in the LM1085 series requires the use of an output capacitor as part of the device
frequency compensation.
The addition of 150uF aluminum electrolytic or a 22uF solid tantalum on the output will ensure stability for
all operating conditions. When the adjustment terminal is bypassed with a capacitor to improve the ripple
rejection, the requirement for an output capacitor increases. The value of 22uF tantalum or 150uF aluminum
covers all cases of bypassing the adjustment terminal. Without bypassing the adjustment terminal smaller
capacitors can be used with equally good results.
To ensure good transient response with heavy load current changes capacitor values on the order of 100uF
are used in the output of many regulators. To further improve stability and transient response of these devices
larger values of output capacitor can be used.
PROTECTION DIODES
Unlike older regulators, the LM1085 family does not need any
protection diodies between the adjustment pin and the output and
from the output tu the input to prevent over-stressing the die.
Internal resistors are limiting the internal current paths on the
LM1085 adjustment pin, therfore even with capacitors on the
adjustment pin no protection diode is needed to ensure device
safety under short-circuit conditions.
Diodes between the input and output are not usually needed.
Figure 10.
Microsecond surge currents of 50A to 100A can be handled by
the internal diode between the input and output pins of the device. In norminal operations it is difficult to get
those values of surge currents even with the use of large output capacitances. If high value output capacitors
are used, such as 1000uF to 5000uF and the input pin is instantaneously shorted to ground, damage can occur.
A diode from output to input is recommended, when a crowbar circuit at the input of the LM1085 is used.
Normal power supply cycling or even plugging and unplugging in the system will not generate current large
enough to do any damage.
The adjustment pin can be driven on a transient basis ±25V, with respect to the output without any device
degradation. As with any IC regulator, none the protection circuitry will be functional and the internal
transistors will break diwn if the maximum inout to output voltage differential is exceeded.
HTC
- 6 -
LM1085


同様の部品番号 - LM1085

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM1085 TI-LM1085 Datasheet
2Mb / 22P
[Old version datasheet]   The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
LM1085 TI1-LM1085 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
logo
Seme LAB
LM1085-05-220M SEME-LAB-LM1085-05-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
More results

同様の説明 - LM1085

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
   3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
   3A Low drop positive voltage regulator adjustable and fixed
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com