データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085R データシート(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM1085R
部品情報  3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1085R データシート(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM1085R Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085
ELECTRICAL CHARACTERISTICS IOUT=100mA, TA=25°C, unless otherwise specified
Min. Load Current(Note 3)
Line Regulation (ΔVREF(VIN))
Load Regulation (ΔVREF(VOUT))
Dropout Voltage
Current Limit
IOUT(MAX)
Thermal Regulation
(ΔVOUT(Pwr))
Output Noise, RMS
HTC
0.3
1
3.2
4.5
3
60
Thermal Resistance
Junction to Tab
Junction to Ambient
TA=125℃, 1000Hrs
10Hz to 10Khz TA=25℃
Long Term Stability
TA=25℃, 30ms pulse
VIN-VOUT=3V
1.4V≤(VIN-VOUT) Adjustable Only
V
1.25
1.275
0.1
V
mA
ΔVREF=1% , IOUT=3A
2.450
1.238
0.003
1.225
%/Vo
%
513
0.05
1.3
0.01
0.02
A
2.5V Version
1.5V≤(VIN-VOUT)≤5.75V, 10mA≤IOUT≤3A
4.900
3.3V Version
1.5V Version
0<IOUT<3A, 4.75V<VIN
Output Voltage
VIN≤7V, P≤PMAX
/W
%/W
%
%
V
0.4
1.5
All Voltage Options
0≤IOUT≤3A, 5.5V≤VIN
PARAMETER
Output Voltage
TEST CONDITIONS
5.100
5.0
MIN
TYP
MAX
1.470
1.5
2.75V≤VIN≤7V, IOUT=10mA, TJ=25℃
V
V
3.234
3.3
3.366
V
1.5V≤(VIN-VOUT)≤5.75V
1.25
1.263
UNIT
0<IOUT<3A, 2.75V<VIN
2.5
2.550
V
1.530
- 3 -
0<IOUT<3A, 3.5V<VIN
Output Voltage
Output Voltage
5.0V Version
0.3
Reference Voltage (VREF)
10mA≤IOUT≤3A, (VIN-VOUT)=3V, TJ=25℃
1.8V Version
Output Voltage
0<IOUT<3A, 2.75V<VIN
1.764
1.8
1.836


同様の部品番号 - LM1085R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM1085R-X.X ETC2-LM1085R-X.X Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
More results

同様の説明 - LM1085R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
   3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
   3A Low drop positive voltage regulator adjustable and fixed
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com