データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085R データシート(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM1085R
部品情報  3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1085R データシート(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM1085R Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1085R Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085
FEATURES
Output Current of 3A
Fast Transient Response
0.04% Line Regulation
0.2% Load Regulation
Internal Thermal and Current Limiting
Adjustable or Fixed Output Voltage(1.5V, 1.8V, 2.5V, 3.3V, 5.0V)
Surface Mount Package TO-263 3LD & TO-252 3L
100% Thermal Limit Burn-in
Low Dropout Voltage 1.5V at 3A Output Current
Moisture Sensitivity Level 3
APPLICATIONS
1. ADJ / GND 2. OUTPUT 3. INPUT
High Efficiency Linear Regulators / Power Supply
* Heatsink surface connected to Pin 2.
High Efficiency "Green" Computer Systems
Constant Current Regulators
ORDERING INFORMATION
Portable Instrumentation
SMPS Post-Regulator
Adjustable Power Supplies
Powering VGA & Sound Card
(X.X=VOUT=1.5V, 1.8V, 2.5V, 3.3V, 5.0V, ADJ)
DESCRIPTION
The LM1085 series of positive adjustable and fixed regulators are designed to provide 3A with high efficient.
All internal circuitry is designed to operate down to 1.5V input to output differential.
On-chip trimming adjusts the reference voltage to 1%.
It's low dropout voltage and fast transient response make it ideal for low voltage microprocessor applications.
Internal current and thermal limiting provides protection against any overload condition that would create
excessive junction temperature.
TEST & TYPICAL APPLICATION CIRCUIT
Note
(1) C1 needed if device is far away from filter capacitors.
VREF=VOUT-VADJ=1.25V(Typ.)
IADJ=55㎂(Typ.)
(2) C2 minimum value required for stability
VOUT = VREF x (1+RF2/RF1) + IADJ x RF2
Nov. 2010-Rev. 1.4
HTC
Device
Package
LM1085R-X.X
TO-263 3LD
- 1 -
LM1085RS-X.X
TO-252 3LD
LM1085-3.3V
LM1085-ADJ
TO-263 PKG
TO-252 PKG


同様の部品番号 - LM1085R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM1085R-X.X ETC2-LM1085R-X.X Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
More results

同様の説明 - LM1085R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
   3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
   3A Low drop positive voltage regulator adjustable and fixed
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com