データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1086 データシート(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM1086
部品情報  1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1086 データシート(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

  LM1086 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086
APPLICATION INFORMATION
The LM1086 series of adjustable and fixed regulators are easy to use and have all the protection
features expected in high performance voltage regulators : short circuit protection and thermal
shut-down. Pin compatible with older three terminal adjustable regulators, these devices offer the
advantage of a lower dropout voltage, more precies reference tolerance and improved reference
stability with temperature.
STABILITY
The circuit design used in the LM1086 series requires the use of an output capacitor as part of
the device frequency compensation.
The addition of 150uF aluminum electrolytic or a 22uF solid tantalum on the output will ensure
stability for all operating conditions. When the adjustment terminal is bypassed with a capacitor to
improve the ripple rejection, the requirement for an output capacitor increases. The value of 22uF
tantalum or 150uF aluminum covers all cases of bypassing the adjustment terminal. Without
bypassing the adjustment terminal smaller capacitors can be used with equally good results.
To ensure good transient response with heavy load current changes capacitor values on the
order of 100uF are used in the output of many regulators. To further improve stability and transient
response of these devices larger values of output capacitor can be used.
PROTECTION DIODES
Unlike older regulators, the LM1086 family does not need any
protection diodies between the adjustment pin and the output
and from the output tu the input to prevent over-stressing the die.
Internal resistors are limiting the internal current paths on the
LM1086 adjustment pin, therfore even with capacitors on the
adjustment pin no protection diode is needed to ensure device
safety under short-circuit conditions.
Diodes between the input and output are not usually needed.
Microsecond surge currents of 50A to 100A can be handled by the internal diode between the
input and output pins of the device. In norminal operations it is difficult to get those values of
surge currents even with the use of large output capacitances. If high value output capacitors are
used, such as 1000uF to 5000uF and the input pin is instantaneously shorted to ground, damage
can occur. Adiode from output to input is recommended, when a crowbar circuit at the input of the
LM1086 is used. Normal power supply cycling or even plugging and unplugging in the system will
not generate current large enough to do any damage.
The adjustment pin can be driven on a transient basis ±25V, with respect to the output without
any device degradation. As with any IC regulator, none the protection circuitry will be functional and
the internal transistors will break diwn if the maximum inout to output voltage differential is exceeded
HTC
- 6 -
LM1086


同様の部品番号 - LM1086

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Seme LAB
LM1086-05-220M SEME-LAB-LM1086-05-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
LM1086-12-220M SEME-LAB-LM1086-12-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
More results

同様の説明 - LM1086

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com