データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1501AR-ADJ-5L データシート(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM1501AR-ADJ-5L
部品情報  5.0A, 150kHz, Step-down Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1501AR-ADJ-5L データシート(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM1501AR-ADJ-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1501AR-ADJ-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1501AR-ADJ-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1501AR-ADJ-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.0A, 150kHz, Step-down Switching Regulator
LM1501A
Mar. 2011 – Ver. 1.3
2
HTC
Ordering Information
VOUT
Package
Order No.
Description
Package Marking
Supplied As
TO-263 5L
LM1501AR-ADJ-5L
5A, 150KHz
LM1501A-ADJ
Reel
ADJ
TO-220 5L
LM1501AT-ADJ-5L
5A, 150KHz
LM1501A-ADJ
Tube
TO-263 5L
LM1501AR-3.3-5L
5A, 150KHz
LM1501A-3.3
Reel
3.3V
TO-220 5L
LM1501AT-3.3-5L
5A, 150KHz
LM1501A-3.3
Tube
TO-263 5L
LM1501AR-5.0-5L
5A, 150KHz
LM1501A-5.0
Reel
5.0V
TO-220 5L
LM1501AT-5.0-5L
5A, 150KHz
LM1501A-5.0
Tube
TO-263 5L
LM1501AR-12-5L
5A, 150KHz
LM1501A-12
Reel
12V
TO-220 5L
LM1501AT-12-5L
5A, 150KHz
LM1501A-12
Tube
PIN CONFIGURATION
TO-263 5L
TO-220 5L
PIN DESCRIPTION
TO-263 / TO-220 5 LEAD
Pin No.
Name
Function
1
VIN
Operating Input Voltage
2
OUTPUT
Switching Output Voltage
3
GND
Ground
4
FB
Output Voltage Feedback Control
5
SD
ON/OFF Shutdown
: TO-263
: TO-220
R
T
Lead Count : 5L
Output Voltage : ADJ / 3.3V / 5.0V / 12V
Package Type
Root Name
LM 1501A R – 3.3 V – 5 L
Product Code
SD
FB
GND
OUTPUT
VIN
SD
FB
GND
OUTPUT
VIN


同様の部品番号 - LM1501AR-ADJ-5L

メーカー部品番号データシート部品情報
logo
Power-One
LM1501-7R POWER-ONE-LM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
HTC Korea TAEJIN Techno...
LM1501B HTC-LM1501B Datasheet
167Kb / 4P
   5.0A, 300kHz, Step-down Switching Regulator
LM1501BR-12-5L HTC-LM1501BR-12-5L Datasheet
167Kb / 4P
   5.0A, 300kHz, Step-down Switching Regulator
More results

同様の説明 - LM1501AR-ADJ-5L

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501B HTC-LM1501B Datasheet
167Kb / 4P
   5.0A, 300kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com