データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1501AR-5.0-5L データシート(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM1501AR-5.0-5L
部品情報  5.0A, 150kHz, Step-down Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1501AR-5.0-5L データシート(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM1501AR-5.0-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1501AR-5.0-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1501AR-5.0-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1501AR-5.0-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5.0A, 150kHz, Step-down Switching Regulator
LM1501A
Mar. 2011 – Ver. 1.3
3
HTC
Electrical Characteristics
Unless otherwise specified, TJ=25℃ VIN= 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the 12V
version. ILOAD = 500mA.
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
LM1501A -ADJ
VoUT = 3V, ILOAD = 5A
73
LM1501A-3.3
VIN = 12V, ILOAD = 5A
73
LM1501A-5
VIN = 12V, ILOAD = 5A
80
Efficiency
η
LM1501A-12
VIN = 25V, ILOAD = 5A
90
%
LM1501A-3.3
4.75V ≤ VIN ≤ 40V
0.2A ≤ ILOAD ≤ 5A
3.20
3.3
3.40
LM1501A-5
7V ≤ VIN ≤ 40V
0.2A ≤ ILOAD ≤ 5A
4.85
5.0
5.15
Output Voltage
VOUT
LM1501A-12
15V ≤ VIN ≤ 40V
0.2A ≤ ILOAD ≤ 5A
11.64
12.0
12.36
V
Feedback Voltage
VFB
LM1501A-ADJ
4.5V ≤ VIN ≤ 40V
0.2A ≤ ILOAD ≤ 5A
VOUT programmed for 3V
1.180
1.215
1.250
V
Oscillator Frequency
fO
127
150
173
kHz
Feedback
Bias
Current
ID
LM1501A-ADJ; VFB=1.215V
15
50
Saturation Voltage
VSAT
IOUT = 5A (Note 2,3)
1.4
V
(Note 3)
100
Max Duty Cycle (ON)
Max Duty Cycle (OFF)
DC
(Note 4)
0
%
Current Limit
ICL
Peak Current (Note 2,3)
6.5
A
Output = 0V
50
μA
Output
Leakage Current
IL
Output = -1V, VIN=40V
2
30
mA
Quiescent Current
IQ
(Note 4)
4.5
10
mA
Standby
Quiescent Current
ISTBY
ON/OFF pin = 5V(OFF), VIN = 40V
80
200
μA
1.3
VIH
Low(Regulator ON)
0.6
ON/OFF Pin
Logic Input
Threshold voltage
VIL
High (Regulator OFF)
2.0
V
IH
VLOGIC = 2.5V (regulator OFF)
5
15
ON/OFF Pin
Logic Input current
IL
VLOGIC = 0.5V (regulator ON)
5
uA
Note 2. No elements connected to output pin
Note 3. Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 4. Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the A version, and 15V for the 12V version. To force the
output transistor switch OFF


同様の部品番号 - LM1501AR-5.0-5L

メーカー部品番号データシート部品情報
logo
Power-One
LM1501-7R POWER-ONE-LM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
HTC Korea TAEJIN Techno...
LM1501B HTC-LM1501B Datasheet
167Kb / 4P
   5.0A, 300kHz, Step-down Switching Regulator
LM1501BR-12-5L HTC-LM1501BR-12-5L Datasheet
167Kb / 4P
   5.0A, 300kHz, Step-down Switching Regulator
More results

同様の説明 - LM1501AR-5.0-5L

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501B HTC-LM1501B Datasheet
167Kb / 4P
   5.0A, 300kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com