データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100ES8014 データシート(PDF) 5 Page - Integrated Device Technology

部品番号 MC100ES8014
部品情報  Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

MC100ES8014 データシート(HTML) 5 Page - Integrated Device Technology

  MC100ES8014 Datasheet HTML 1Page - Integrated Device Technology MC100ES8014 Datasheet HTML 2Page - Integrated Device Technology MC100ES8014 Datasheet HTML 3Page - Integrated Device Technology MC100ES8014 Datasheet HTML 4Page - Integrated Device Technology MC100ES8014 Datasheet HTML 5Page - Integrated Device Technology MC100ES8014 Datasheet HTML 6Page - Integrated Device Technology MC100ES8014 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC100ES8014
TIMING SOLUTIONS
5
MOTOROLA
Figure 2. MC100ES8014 AC Test Reference
CLKx
tPDL (EN to Qx[])
50%
tPLD (EN to Qx[])
CLKx
EN
Qx[]
Qx[]
Outputs disabled
Figure 3. MC100ES8014 AC Test Reference
Differential Pulse
Generator
Z = 50
RT = 50Ω
ZO = 50Ω
DUT
MC100ES8014
VTT=GND
RT = 50Ω
ZO = 50Ω
VTT=GND
Figure 4. MC100ES8014 AC Reference
Measurement Waveform (HSTL Input)
CLK0,1
tPD (CLK0,1 to Q[0–4])
VX=0.75V
VDIF=1.0V
CLK0,1
Q[0–4]
Q[0–4]
tPD (CLK0,1 to Q[0–4])
VCMR=VCC–1.3V
VPP=0.8V
CLK0,1
CLK0,1
Q[0–4]
Q[0–4]
Figure 5. MC100ES8014 AC Reference
Measurement Waveform (PECL Input)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MC100ES8014
Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
NETCOM
IDT™ Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MC100ES8014
5


同様の部品番号 - MC100ES8014

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111AC RENESAS-MC100ES8111AC Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111ACR2 RENESAS-MC100ES8111ACR2 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111FA RENESAS-MC100ES8111FA Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
More results

同様の説明 - MC100ES8014

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
   LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DL1510 CYPRESS-CY2DL1510 Datasheet
371Kb / 15P
   1:10 Differential LVDS Fanout Buffer
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
logo
Renesas Technology Corp
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
logo
Integrated Device Techn...
ICS854S015I-01 IDT-ICS854S015I-01 Datasheet
940Kb / 27P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
logo
ON Semiconductor
MC100LVE210 ONSEMI-MC100LVE210 Datasheet
121Kb / 8P
   Low Voltage Dual 1:4, 1:5 Differential Fanout Buffer
February, 2000 ??Rev. 2
logo
Cypress Semiconductor
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com