データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1026 データシート(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

部品番号 2SD1026
部品情報  Darlington Transistor(15A NPN)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
ホームページ  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SD1026 データシート(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SD1026 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
Unit : mm
Case : MTO-3P
Darlington Transistor
15A NPN
2SD1026
(T15L10)
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~+150
Junction Temperature
Tj
+150
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
7V
Collector Current DC
IC
15A
Collector Current Peak
ICP
22
A
Base Current DC
IB
1
A
Base Current Peak
IBP
2A
Total Transistor Dissipation
PT
Tc = 25℃
100
W
Mounting Torque
TOR
(Recommended torque : 0.5N・m)
0.8
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector Cutoff Current
ICBO
VCB = 100V
Max 0.1
mA
ICEO
VCE = 100V
Max 0.1
Emitter Cutoff Current
IEBO
VEB = 7V
Max 5
mA
DC Current Gain
hFE
VCE = 3V, IC = 10A
Min 1,500
Max 30,000
Collector to Emitter Saturation Voltage
VCE(sat)
IC = 10A
Max 1.5
V
Base to Emitter Saturation Voltage
VBE(sat)
IB = 20mA
Max 2.0
V
Thermal Resistance
θjc
Junction to case
Max 1.25
℃/W
Transition Frequency
fT
VCE = 10V, IC = 1.5A
TYP 20
MHz
Turn on Time
ton
Max 2
IC = 15A
Storage Time
ts
IB1 = IB2 = 20mA
Max 5
μs
RL = 2Ω
Fall Time
tf
VBB2 = 4V
Max 3


同様の部品番号 - 2SD1026

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2SD1026 ISC-2SD1026 Datasheet
103Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Savantic, Inc.
2SD1026 SAVANTIC-2SD1026 Datasheet
125Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1026 JMNIC-2SD1026 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Savantic, Inc.
2SD1026 SAVANTIC-2SD1026 Datasheet
144Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1026 JMNIC-2SD1026 Datasheet
37Kb / 1P
   Silicon NPN Transistors
More results

同様の説明 - 2SD1026

メーカー部品番号データシート部品情報
logo
Shindengen Electric Mfg...
2SD1027 SHINDENGEN-2SD1027 Datasheet
458Kb / 10P
   Darlington Transistor(15A NPN)
2SD2196 SHINDENGEN-2SD2196 Datasheet
457Kb / 10P
   Darlington Transistor(15A NPN)
2SB1285 SHINDENGEN-2SB1285 Datasheet
415Kb / 9P
   Darlington Transistor(-15A PNP)
2SB1448 SHINDENGEN-2SB1448 Datasheet
416Kb / 9P
   Darlington Transistor(-15A PNP)
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com