データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1N4749A データシート(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

部品番号 TC1N4749A
部品情報  1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
ホームページ  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N4749A データシート(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N4749A Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4749A Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4749A Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4749A Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4749A Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Number: DB-031
July 2010/ G
Page 2
TAK CHEONG
®
S EM IC OND UC TOR
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
()
Max
IZK
(mA)
ZZK @ IZK
()
Max
IR @ VR
(A)
Max
VR
(Volts)
TC1N4745A
16
15.5
16
0.25
700
5
12.2
TC1N4746A
18
14
20
0.25
700
5
13.7
TC1N4747A
20
12.5
22
0.25
750
5
15.2
TC1N4748A
22
11.5
23
0.25
750
5
16.7
TC1N4749A
24
10.5
25
0.25
750
5
18.2
TC1N4750A
27
9.5
35
0.25
750
5
20.6
TC1N4751A
30
8.5
40
0.25
1000
5
22.8
TC1N4752A
33
7.5
45
0.25
1000
5
25.1
TC1N4753A
36
7
50
0.25
1000
5
27.4
TC1N4754A
39
6.5
60
0.25
1000
5
29.7
TC1N4755A
43
6
70
0.25
1500
5
32.7
TC1N4756A
47
5.5
80
0.25
1500
5
35.8
TC1N4757A
51
5
95
0.25
1500
5
38.8
TC1N4758A
56
4.5
110
0.25
2000
5
42.6
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types
Notes:
1. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of ± 5%. Device tolerance of 2% is indicated by a
“C” instead of an “A”.
2. SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery,
contact you nearest Tak Cheong representative.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (VZ) is tested under pulse condition.
4. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current having an RMS value equal to 10%
of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.


同様の部品番号 - TC1N4749A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC1N4749A ETC1-TC1N4749A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC1N4749A TAK_CHEONG-TC1N4749A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

同様の説明 - TC1N4749A

メーカー部品番号データシート部品情報
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com