データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1524-CTDE3 データシート(PDF) 6 Page - Gennum Corporation

部品番号 GS1524-CTDE3
部品情報  Multi-Rate SDI Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524-CTDE3 データシート(HTML) 6 Page - Gennum Corporation

Back Button GS1524-CTDE3 Datasheet HTML 2Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 3Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 4Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 5Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 6Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 7Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 8Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 9Page - Gennum Corporation GS1524-CTDE3 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
GS1524 Multi-Rate SDI Adaptive Cable Equalizer
Data Sheet
14976 - 11
August 2011
6 of 16
2.3 AC Electrical Characteristics
Figure 2-1: Test Circuit
Table 2-2: AC Electrical Characteristics
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Notes
Serial input data rate
143
1485
Mb/s
Input Voltage Swing
TA =25°C, differential
ΔV
SDI
720
800
950
mVp-p
0m cable
length
Output Voltage Swing
50Ω load, TA =25°C,
differential
ΔV
SDO
750
mVp-p
Output Jitter for Various Cable
Lengths and Data Rates
270Mb/s
Belden 1694A: 0-350m
Belden 8281: 0-280m
––
0.2
UI
2,4
1.485Gb/s
Belden 1694A: 0-140m
Belden 8281: 0-100m
0.25
UI
2,4
Output Rise/Fall time
20% - 80%
80
220
ps
Mismatch in rise/fall time
30
ps
Duty cycle distortion
30
ps
Overshoot
10
%
Input Return Loss
15
dB
1
Input Resistance
single ended
1.64
Input Capacitance
single ended
1
pF
Output Resistance
single ended
50
Ω
NOTES:
1. Tested on CB1524 board from 5MHz to 2GHz.
2. All parts production tested. In order to guarantee jitter over the full range of specification (VCC = 3.3V ±5%, TA = 0°C to 70°C, and
720-880mV launch swing from the SDI cable driver) the recommended applications circuit must be used.
3. Based on characterization data using the recommended applications circuit, at VCC = 3.3V, TA = 25°C, and 800mV launch swing from the SDI
cable driver.
4. Equalizer Pathological test signal is used.
GigaBERT
1400
EXT.
CLOCK
CLOCK
OUT
DATA
OUT
EXT.
CLOCK
1.485GHz/270MHz
GS1524
TEST BOARD
TDS 820
CH. 1
CH. 2
OUT
IN
OUT
EXT. TRIGGER
50/75
8281 or 1694A CABLE


同様の部品番号 - GS1524-CTDE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1524-CTDE3 GENNUM-GS1524-CTDE3 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
More results

同様の説明 - GS1524-CTDE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
logo
Gennum Corporation
GS9064 GENNUM-GS9064 Datasheet
202Kb / 10P
   GS9064 SD SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
   3G-SDI Re-timing Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com