データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1524-CTDE3Z データシート(PDF) 4 Page - Gennum Corporation

部品番号 GS1524-CTDE3Z
部品情報  Multi-Rate SDI Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524-CTDE3Z データシート(HTML) 4 Page - Gennum Corporation

  GS1524-CTDE3Z Datasheet HTML 1Page - Gennum Corporation GS1524-CTDE3Z Datasheet HTML 2Page - Gennum Corporation GS1524-CTDE3Z Datasheet HTML 3Page - Gennum Corporation GS1524-CTDE3Z Datasheet HTML 4Page - Gennum Corporation GS1524-CTDE3Z Datasheet HTML 5Page - Gennum Corporation GS1524-CTDE3Z Datasheet HTML 6Page - Gennum Corporation GS1524-CTDE3Z Datasheet HTML 7Page - Gennum Corporation GS1524-CTDE3Z Datasheet HTML 8Page - Gennum Corporation GS1524-CTDE3Z Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
GS1524 Multi-Rate SDI Adaptive Cable Equalizer
Data Sheet
14976 - 11
August 2011
4 of 16
16
CD/MUTE
BIDIRECTIONAL
MUTE INDICATOR-CONTROL/CARRIER DETECT.
OUTPUT: the output voltage drops to below 1.2V when the carrier is
present and the data outputs are active.
INPUT: if the CD/MUTE pin is tied to ground, the data output will never
mute and the MCLADJ setting is overwritten. If the CD/MUTE pin is tied
to VCC, the data outputs will always mute and the MCLADJ setting is
overwritten.
Note: CD/MUTE is not functional in BYPASS mode.
3, 6, 11, 14
VEE
POWER
Most negative power supply connection. Connect to ground.
2, 15
VCC
POWER
Most positive power supply connection. Connect to +3.3V.
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Type
Description


同様の部品番号 - GS1524-CTDE3Z

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1524-CTDE3 GENNUM-GS1524-CTDE3 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
More results

同様の説明 - GS1524-CTDE3Z

メーカー部品番号データシート部品情報
logo
Semtech Corporation
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
logo
Gennum Corporation
GS9064 GENNUM-GS9064 Datasheet
202Kb / 10P
   GS9064 SD SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
   3G-SDI Re-timing Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com