データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1531 データシート(PDF) 6 Page - Gennum Corporation

部品番号 GS1531
部品情報  Multi-Rate Serializer with ClockCleaner
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1531 データシート(HTML) 6 Page - Gennum Corporation

Back Button GS1531 Datasheet HTML 2Page - Gennum Corporation GS1531 Datasheet HTML 3Page - Gennum Corporation GS1531 Datasheet HTML 4Page - Gennum Corporation GS1531 Datasheet HTML 5Page - Gennum Corporation GS1531 Datasheet HTML 6Page - Gennum Corporation GS1531 Datasheet HTML 7Page - Gennum Corporation GS1531 Datasheet HTML 8Page - Gennum Corporation GS1531 Datasheet HTML 9Page - Gennum Corporation GS1531 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
GS1531 Data Sheet
30573 - 7
February 2008
6 of 50
1.2 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
A1
LF
Analog
Output
Control voltage to external voltage controlled oscillator. Nominally +1.25V
DC.
A2
VCO_VCC
Output
Power
Power supply for the external voltage controlled oscillator. Connect to pin
7 of the GO1555/GO1525*. This pin is an output.
Should be isolated from all other power supplies.
*For new designs use GO1555
A3
VCO_GND
Output
Power
Ground reference for the external voltage controlled oscillator. Connect to
pins 2, 4, 6, and 8 of the GO1555/GO1525*. This pin is an output.
Should be isolated from all other grounds.
*For new designs use GO1555
A4, A5
VCO, VCO
Analog
Input
Differential inputs for the external VCO reference signal. For single ended
devices such as the GO1555/GO1525*, VCO should be AC coupled to
VCO_GND.
VCO is nominally 1.485GHz.
*For new designs use GO1555
A6, B5,
B6, C1,
C4, C5,
C6, C7,
C8, D1,
D2, D3,
D4, D7,
D8, E1,
E2, E3,
E7, F2,
F3, F7,
G1, G2,
G3, G7,
H1, H2,
H3, H7,
J1, J2,
J3, J4
NC
No connect.
A7
PCLK
Input
PARALLEL DATA BUS CLOCK
Signal levels are LVCMOS/LVTTL compatible.
HD 20-bit mode
PCLK = 74.25MHz or 74.25/1.001MHz
HD 10-bit mode
PCLK = 148.5MHz or 148.5/1.001MHz
SD 20-bit mode
PCLK = 13.5MHz
SD 10-bit mode
PCLK = 27MHz
A8, E8, K8
IO_VDD
Power
Power supply connection for digital I/O buffers. Connect to +3.3V DC
digital.


同様の部品番号 - GS1531

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1531-CB GENNUM-GS1531-CB Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1531-CBE2 GENNUM-GS1531-CBE2 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
More results

同様の説明 - GS1531

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS4915 GENNUM-GS4915_09 Datasheet
741Kb / 27P
   ClockCleaner
logo
Semtech Corporation
GS4915 SEMTECH-GS4915 Datasheet
741Kb / 27P
   ClockCleaner?
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com