データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1574-CNE3 データシート(PDF) 1 Page - Gennum Corporation

部品番号 GS1574-CNE3
部品情報  Adaptive Cable Equalizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1574-CNE3 データシート(HTML) 1 Page - Gennum Corporation

  GS1574-CNE3 Datasheet HTML 1Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 2Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 3Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 4Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 5Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 6Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 7Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 8Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.gennum.com
GS1574 HD-LINX® II
Adaptive Cable Equalizer
GS1574 Data Sheet
28854 - 5
May 2007
1 of 18
Features
SMPTE 292M, SMPTE 344M and SMPTE 259M
compliant
Automatic cable equalization
Multi-standard operation from 143Mb/s to
1.485Gb/s
Supports DVB-ASI at 270Mb/s
Small footprint (4mm x 4mm)
Pb-free and RoHS Compliant
Pin compatible with the GS9074 Cable Equalizer
Manual bypass (useful for low data rates with slow
rise/fall times)
Performance optimized for 270Mb/s and 1.485Gb/s
Typical maximum equalized length of Belden
1694A cable: 140m at 1.485Gb/s, 350m at 270Mb/s
•50
Ω differential output (with internal 50Ω pull-ups)
Manual output mute or programmable mute based
on max cable length adjust
Single 3.3V power supply operation
Operating temperature range: 0°C to +70°C
Applications
SMPTE 292M, SMPTE 344M and SMPTE 259M
Coaxial Cable Serial Digital Interfaces.
Description
The GS1574 is a second-generation high-speed bipolar
integrated circuit designed to equalize and restore
signals received over 75
Ω co-axial cable.
The GS1574 is designed to support SMPTE 292M,
SMPTE 344M and SMPTE 259M, and is optimized for
performance at 270Mb/s and 1.485Gb/s.
The GS1574 features DC restoration to compensate for
the DC content of SMPTE pathological test patterns.
A voltage programmable mute threshold (MCLADJ) is
included to allow muting of the GS1574 output when an
approximate selected cable length is reached for
SMPTE 259M signals. This feature allows the GS1574
to distinguish between low amplitude SD-SDI signals
and noise at the input of the device. The serial digital
outputs of the GS1574 may be forced to a mute state by
applying a voltage to the MUTE pin.
Power consumption is typically 270mW using a 3.3V
power supply. The GS1574 is lead-free, and the
encapsulation compound does not contain halogenated
flame retardant.
This component and all homogeneous subcomponents
are RoHS compliant.
GS1574 Functional Block Diagram
CABLE LENGTH ADJUSTOR
CARRIER DETECT
MUTE
EQUALIZER
DC RESTORE
OUTPUT
AGC
MUTE
SDO
BYPASS
SDO
SDI
SDI
MCLADJ


同様の部品番号 - GS1574-CNE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1574-CNE3 GENNUM-GS1574-CNE3 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
More results

同様の説明 - GS1574-CNE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com