データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1578A データシート(PDF) 5 Page - Gennum Corporation

部品番号 GS1578A
部品情報  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1578A データシート(HTML) 5 Page - Gennum Corporation

  GS1578A_09 Datasheet HTML 1Page - Gennum Corporation GS1578A_09 Datasheet HTML 2Page - Gennum Corporation GS1578A_09 Datasheet HTML 3Page - Gennum Corporation GS1578A_09 Datasheet HTML 4Page - Gennum Corporation GS1578A_09 Datasheet HTML 5Page - Gennum Corporation GS1578A_09 Datasheet HTML 6Page - Gennum Corporation GS1578A_09 Datasheet HTML 7Page - Gennum Corporation GS1578A_09 Datasheet HTML 8Page - Gennum Corporation GS1578A_09 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
GS1578A HD-LINX® II Multi-Rate Dual Slew-Rate
Cable Driver
Data Sheet
33657 - 5
November 2009
5 of 16
Proprietary & Confidential
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
Table 2-1 lists the absolute maximum ratings for the GS1578A. Conditions exceeding the
limits listed may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those listed in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2.2 DC Electrical Characteristics
Table 2-2 shows the DC electrical characteristics of the GS1578A where conditions are
VDD = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown.
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage
-0.5V to +3.6 VDC
Input ESD Voltage
2kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
0°C to 70°C
Solder Reflow Temperature
260°C
Supply Voltage
-0.5V to +3.6 VDC
Table 2-2: DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
3.135
3.3
3.465
V
Power Consumption
PD
TA = 25°C
168
mW
Supply Current
Is
TA = 25°C
51
64
mA
Output Voltage
VCMOUT
Common mode
VCC - VOUT
–V
Input Voltage
VCMIN
Common mode
1.6 +
ΔVSDI/2
–VCC -
ΔVSDI/2
V
SD/HD Input
VIH
–2.4
V
VIL
––
0.8
V


同様の部品番号 - GS1578A_09

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1578ACNE3 GENNUM-GS1578ACNE3 Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
More results

同様の説明 - GS1578A_09

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com