データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1578ACNE3 データシート(PDF) 7 Page - Gennum Corporation

部品番号 GS1578ACNE3
部品情報  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1578ACNE3 データシート(HTML) 7 Page - Gennum Corporation

Back Button GS1578ACNE3 Datasheet HTML 3Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 4Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 5Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 6Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 7Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 8Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 9Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 10Page - Gennum Corporation GS1578ACNE3 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
GS1578A HD-LINX® II Multi-Rate Dual Slew-Rate
Cable Driver
Data Sheet
33657 - 5
November 2009
7 of 16
Proprietary & Confidential
3. Solder Reflow Profiles
The device is manufactured with Matte-Sn terminations and is compatible with both
standard eutectic and Pb-free solder reflow profiles. MSL qualification was performed
using the maximum Pb-free reflow profile shown in Figure 3-1.The recommended
standard Pb reflow profile is shown in Figure 3-2.
Figure 3-1: Maximum Pb-free Solder Reflow Profile (Preferred)
Figure 3-2: Standard Pb Reflow Profile (Pb-free package)
25°C
150°C
200°C
217°C
260°C
250°C
Time
Temperature
8 min. max
60-180 sec. max
60-150 sec.
20-40 sec.
3°C/sec max
6°C/sec max
25°C
100°C
150°C
183°C
230°C
220°C
Time
Temperature
6 min. max
120 sec. max
60-150 sec.
10-20 sec.
3°C/sec max
6°C/sec max


同様の部品番号 - GS1578ACNE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1578ACNE3 GENNUM-GS1578ACNE3 Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
More results

同様の説明 - GS1578ACNE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com