データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS2974ACTE3 データシート(PDF) 1 Page - Gennum Corporation

部品番号 GS2974ACTE3
部品情報  HD-LINX III Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2974ACTE3 データシート(HTML) 1 Page - Gennum Corporation

  GS2974ACTE3 Datasheet HTML 1Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 2Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 3Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 4Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 5Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 6Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 7Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 8Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
GS2974A HD-LINX™ III Adaptive Cable Equalizer
www.gennum.com
Data Sheet
42216 - 3
January 2009
GS2974A HD-LINX™ III Adaptive Cable Equalizer
Features
• SMPTE 424M, SMPTE 292M and SMPTE 259M
compliant
•Automatic cable equalization
• 0.3UI Maximum Output Jitter at 2.97Gb/s
• Multi-standard operation from 143Mb/s to 2.97Gb/s
• Supports DVB-ASI at 270Mb/s
• Small footprint (4mm x 4mm)
• Pb-free and RoHS compliant
• Manual bypass (useful for low data rates with slow
rise/fall times)
• Performance optimized for 1.485Gb/s and 2.97Gb/s
• Typical equalized length of Belden 1694A cable: 120m
at 2.97Gb/s, 200m at 1.485Gb/s, and 350m at 270Mb/s
•50Ω differential output (internal 50Ω pull-ups)
• Programmable mute based on max cable length adjust
• Single 3.3V power supply operation
• Operating temperature range: 0°C to +70°C
Applications
• SMPTE 424M, SMPTE 292M and SMPTE 259M Coaxial
Cable Serial Digital Interfaces.
Description
The GS2974A is a high-speed BiCMOS integrated circuit
designed to equalize and restore signals received over 75Ω
co-axial cable.
The GS2974A is designed to support SMPTE 424M, SMPTE
292M and SMPTE 259M, and is optimized for performance
at 1.485Gb/s and 2.97Gb/s.
The GS2974A features DC restoration to compensate for
the DC content of SMPTE pathological test patterns.
A voltage programmable mute threshold (MCLADJ),
applicable for SD mode (refer to Section 4.3), is included to
allow muting of the GS2974A output when an approximate
selected cable length is reached for SMPTE 259M signals.
This feature allows the GS2974A to distinguish between
low amplitude SD-SDI signals and noise at the input of the
device. The serial digital outputs of the GS2974A may be
forced to a mute state by applying a voltage to the MUTE
pin.
Power consumption is typically 215mW using a 3.3V
power supply. The GS2974A is lead-free, and the
encapsulation compound does not contain halogenated
flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.
GS2974A Functional Block Diagram
CABLE LENGTH ADJUSTOR
CARRIER
DETECT MUTE
EQUALIZER
DC RESTORE
OUTPUT
AGC
CD
MUTE
SDO
BYPASS
SDO
SDI
SDI
MCLADJ


同様の部品番号 - GS2974ACTE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS2974ACTE3 SEMTECH-GS2974ACTE3 Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
More results

同様の説明 - GS2974ACTE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com