データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS4915 データシート(PDF) 8 Page - Gennum Corporation

部品番号 GS4915
部品情報  ClockCleaner
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4915 データシート(HTML) 8 Page - Gennum Corporation

Back Button GS4915 Datasheet HTML 4Page - Gennum Corporation GS4915 Datasheet HTML 5Page - Gennum Corporation GS4915 Datasheet HTML 6Page - Gennum Corporation GS4915 Datasheet HTML 7Page - Gennum Corporation GS4915 Datasheet HTML 8Page - Gennum Corporation GS4915 Datasheet HTML 9Page - Gennum Corporation GS4915 Datasheet HTML 10Page - Gennum Corporation GS4915 Datasheet HTML 11Page - Gennum Corporation GS4915 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
GS4915 ClockCleaner™
Data Sheet
39145 - 5
June 2009
8 of 27
36
LF
Analog
Outpu
t
Control voltage for the external voltage controlled oscillator. Connect
to pin 5 of the GO1555 via a low pass filter. See Typical Application
Circuit on page 22.
37
CP_RES
Analog
Input
Charge pump current control.
Connect to VCO_GND via a 10k
Ω resistor.
38
CP_VDD
Power
Power supply for the internal charge pump block (nominally +2.5V
DC). Connect to VCO_VDD (pin 39).
39
VCO_VDD
Power
Power supply for the external voltage controlled oscillator (+2.5V DC).
Connect to pin 7 of the GO1555. This pin is an output.
Must be isolated from all other power supplies.
Ground Pad
Power
Ground pad on bottom of package must be soldered to AGND plane
of PCB.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


同様の部品番号 - GS4915

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
logo
Semtech Corporation
GS4915 SEMTECH-GS4915 Datasheet
741Kb / 27P
   ClockCleaner?
logo
Gennum Corporation
GS4915-INE3 GENNUM-GS4915-INE3 Datasheet
648Kb / 26P
   ClockCleaner?
More results

同様の説明 - GS4915

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS4915 SEMTECH-GS4915 Datasheet
741Kb / 27P
   ClockCleaner?
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com