データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS7025-CQME3 データシート(PDF) 7 Page - Gennum Corporation

部品番号 GS7025-CQME3
部品情報  PRO-LINX Serial Digital Receiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025-CQME3 データシート(HTML) 7 Page - Gennum Corporation

Back Button GS7025-CQME3 Datasheet HTML 3Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 4Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 5Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 6Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 7Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 8Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 9Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 10Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
7 of 23
Input Jitter Tolerance
270Mb/s
0.40
0.56
-
UI p-p
3, 6
9
Lock Time -
Synchronous Switch
tswitch < 0.5µs,
270Mb/s
-1
-
µs
4
7
0.5µs< tswitch
<10ms
-1
-
ms
tswitch > 10 ms
-
4
-
ms
SDO Mute Time
0.5
1
2
µs
5
7
SDO to SCO
Synchronization
-200
0
200
ps
7
SDO, SCO Output Signal
Swing
75Ω DC load
600
800
1000
mV
p-p
1
SDO, SCO Rise & Fall
Times
20%-80%
200
300
400
ps
7
SDI/SDI Input Resistance
-
10
-
76
SDI/SDI Input Capacitance
-
1.0
-
pF
7
6
Carrier Detect Response
Time
Carrier Applied
-
3
-
µs
7, 8
6
Carrier
Removed
-30-
NOTES:
1. TYPICAL - measured on characterization board.
2. Characterized 6 sigma RMS.
3. IJT measured with sinusoidal modulation beyond Loop Bandwidth (at 6.5MHz).
4. Synchronous switching refers to switching the input data from one source to another source which is at the same data rate (ie. line 10
switching for component NTSC).
5. Carrier Loss Time refers to the response of the SDO output from valid re-clocked input data to mute mode when the input signal is removed.
6. Using the DDI input, A/D=0.
7. Using the SDI input, A/D=1.
8. Carrier Detect Response Time refers to the response of the SSI/CD output from a logic high to a logic low state when the input signal is
removed or amplitude drops below the threshold set by the CD_ADJ pin. SSI/CD pin loading CL<50pF, RL=open cct.
TEST LEVELS:
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
9. Indirect test.
Table 2-2: AC Electrical Characteristics
VCC = 5.0V, VEE = 0V, TA = 0° – 70°C unless otherwise stated, RLF = 1.8k, CLF1 = 15nF, CLF2 = 3.3pF
Parameter
Condition
Min
Typical1
Max
Units
Note
s
Test
Level


同様の部品番号 - GS7025-CQME3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS7025-CQM GENNUM-GS7025-CQM Datasheet
134Kb / 13P
   Serial Digital Receiver
More results

同様の説明 - GS7025-CQME3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com