データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-45560-001 データシート(PDF) 11 Page - Molex Electronics Ltd.

部品番号 SD-45560-001
部品情報  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

SD-45560-001 データシート(HTML) 11 Page - Molex Electronics Ltd.

Back Button SD-45560-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 9Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 10Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 11Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 12Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 13Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 14Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 15Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
11 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-001
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
11
Figure 3B. Receptacle Connector Recess When Mating with the Plug or Cradle Connectors (units: mm)
Wherever possible, the 0.10 maximum clearance condition with the receptacle should be minimized by utilizing a clam-shell style
package design.
6.1.2
Plug Connector Module
The plug connector module is intended to be used as a part of a assembly using either direct wire soldering (45339) or using an
intermediary PCB (45593). Overmolding and/or clam shell style covers must be used to protect the wire connections and the
appropriate service loops and wire strain reliefs must be incorporated in a cable assembly to prevent damage during use. Please refer
to section 6.3 for further details about the over-molding process.
If the connector module is used as a stand-alone component on a PCB, the mating interface must be adequately supported. Please
refer to section 6.4.2 for further details concerning cradle design recommendations.
6.1.3
Cradle Connector
The cradle connector is designed to be fastened to the PCB with screws. See Sales Drawings for recommended screw size and
positions. Please refer to section 6.4.2 for further details concerning cradle design recommendations.


同様の部品番号 - SD-45560-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-45560-002 MOLEX-SD-45560-002 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
More results

同様の説明 - SD-45560-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
448281162 MOLEX-448281162 Datasheet
1Mb / 27P
   0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
logo
SUYIN USA, INC.
300001MA003XX00XX SUYIN-USA-300001MA003XX00XX Datasheet
79Kb / 1P
   3.00mm PITCH BATTERY CONN-CRADLE
300004MB004XX00XX SUYIN-USA-300004MB004XX00XX Datasheet
79Kb / 1P
   3.00mm pitch battery conn-cradle
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
logo
FCI connector
61082 FCI-CONNECTOR-61082 Datasheet
473Kb / 6P
   BERCSTAK 0.8MM RECEPTACLE ASSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com