データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D2SB60 データシート(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

部品番号 D2SB60
部品情報  General Purpose Rectifiers(600V 1.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
ホームページ  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D2SB60 データシート(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D2SB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D2SB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D2SB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D2SB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D2SB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D2SB60
600V 1.5A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
Case : 2S
SHINDENGEN
Thin Single In-Line Package
High IFSM
Applicable to Automatic Insertion
Switching power supply
Home Appliances, Office Equipment
Telecommunication, Factory Automation
FEATURES
APPLICATION
General Purpose Rectifiers
SIL Bridges
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
V
RM
600
V
Average Rectified Forward Current
I
O
50Hz sine wave, R-load, On glass-epoxy substrate, Ta=25℃
1.5
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25 ℃
80
A
Current Squared Time
I
2t
2ms≦t<10ms Tj=25℃
32
A
2s
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=0.75A, Pulse measurement,Rating of per diode
Max.1.05
V
Reverse Current
I
R
V
R=VRM,
Pulse measurement,Rating of per diode
Max.10
μA
Thermal Resistance
θjl
junction to lead
Max.10
℃/W
θja
junction to ambient
Max.47


同様の部品番号 - D2SB60

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
D2SB60 TSC-D2SB60 Datasheet
44Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Shenzhen Ping Sheng Ele...
D2SB60 PFS-D2SB60 Datasheet
338Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Taiwan Semiconductor Co...
D2SB60 TSC-D2SB60 Datasheet
124Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Rugao Dachang Electroni...
D2SB60 DACHANG-D2SB60 Datasheet
128Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800 V Forward Current 1.5A
logo
Taiwan Semiconductor Co...
D2SB60 TSC-D2SB60 Datasheet
194Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
More results

同様の説明 - D2SB60

メーカー部品番号データシート部品情報
logo
Shindengen Electric Mfg...
D2SBA60 SHINDENGEN-D2SBA60 Datasheet
272Kb / 5P
   General Purpose Rectifiers(600V 1.5A)
D2SB60L SHINDENGEN-D2SB60L Datasheet
318Kb / 5P
   General Purpose Rectifiers(600V 1.5A)
D2SB20 SHINDENGEN-D2SB20 Datasheet
271Kb / 5P
   General Purpose Rectifiers(200V 1.5A)
D2SBA20 SHINDENGEN-D2SBA20 Datasheet
271Kb / 5P
   General Purpose Rectifiers(200V 1.5A)
D2SB80 SHINDENGEN-D2SB80 Datasheet
272Kb / 5P
   General Purpose Rectifiers(800V 1.5A)
logo
Shenzhen Luguang Electr...
FM151 LUGUANG-FM151 Datasheet
400Kb / 2P
   1.5A Surface Mount General Purpose Rectifiers
logo
Chip Integration Techno...
GR1505 CITC-GR1505 Datasheet
145Kb / 3P
   1.5A Leaded Type General Purpose Rectifiers
BGP154W1-F CITC-BGP154W1-F Datasheet
459Kb / 3P
   1.5A Surface Mount General Purpose Rectifiers
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60 Datasheet
298Kb / 6P
   General Purpose Rectifiers(600V 4A)
D4F60 SHINDENGEN-D4F60 Datasheet
339Kb / 7P
   General Purpose Rectifiers(600V 4A)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com