データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADS7945 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADS7945
部品情報  14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7945 データシート(HTML) 10 Page - Texas Instruments

Back Button ADS7945 Datasheet HTML 6Page - Texas Instruments ADS7945 Datasheet HTML 7Page - Texas Instruments ADS7945 Datasheet HTML 8Page - Texas Instruments ADS7945 Datasheet HTML 9Page - Texas Instruments ADS7945 Datasheet HTML 10Page - Texas Instruments ADS7945 Datasheet HTML 11Page - Texas Instruments ADS7945 Datasheet HTML 12Page - Texas Instruments ADS7945 Datasheet HTML 13Page - Texas Instruments ADS7945 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
−1
−0.5
0
0.5
1
1.5
2.7
3.2
3.7
4.2
4.7
5.2
5.7
Maximum DNL
Minimum DNL
AVDD, Analog Supply Voltage (V)
G006
−1
−0.5
0
0.5
1
1.5
2.5
3
3.5
4
4.5
5
5.5
Maximum DNL
Minimum DNL
Reference Voltage (V)
AVDD = 5.25 V
G010
−1
−0.5
0
0.5
1
1.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
Maximum DNL
Minimum DNL
Free-Air Temperature (°C)
G008
−1.5
−1
−0.5
0
0.5
1
1.5
2.7
3.2
3.7
4.2
4.7
5.2
5.7
Maximum INL
Minimum INL
AVDD, Analog Supply Voltage (V)
G007
−1.5
−1
−0.5
0
0.5
1
1.5
2.5
3
3.5
4
4.5
5
5.5
Maximum INL
Minimum INL
Reference Voltage (V)
AVDD = 5.25 V
G011
−1.5
−1
−0.5
0
0.5
1
1.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
Maximum INL
Minimum INL
Free-Air Temperature (°C)
G009
ADS7945
ADS7946
SBAS539B
– JUNE 2011 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS: ADS7945
At TA = +25°C, AVDD = 5 V, DVDD = 1.8 V, VREF = 2.5 V, and fSAMPLE = 2 MSPS, unless otherwise noted.
DNL vs ANALOG SUPPLY VOLTAGE
DNL vs REFERENCE VOLTAGE
Figure 1.
Figure 2.
DNL vs FREE-AIR TEMPERATURE
INL vs ANALOG SUPPLY VOLTAGE
Figure 3.
Figure 4.
INL vs REFERENCE VOLTAGE
INL vs FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS7945 ADS7946


同様の部品番号 - ADS7945

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945SRTER TI1-ADS7945SRTER Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945SRTET TI1-ADS7945SRTET Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945 TI1-ADS7945_14 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
More results

同様の説明 - ADS7945

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS7945 TI1-ADS7945_14 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com