データシートサーチシステム |
|
FM18W08 データシート(PDF) 6 Page - Ramtron International Corporation |
|
FM18W08 データシート(HTML) 6 Page - Ramtron International Corporation |
6 / 11 page FM18W08 Rev. 2.0 Dec. 2011 Page 6 of 11 Electrical Specifications Absolute Maximum Ratings Symbol Description Ratings VDD Power Supply Voltage with respect to VSS -1.0V to +7.0V VIN Voltage on any pin with respect to VSS -1.0V to +7.0V and VIN < VDD+1.0V TSTG Storage Temperature -55C to + 125C TLEAD Lead Temperature (Soldering, 10 seconds) 260 C VESD Electrostatic Discharge Voltage - Human Body Model (AEC-Q100-002 Rev. E) - Charged Device Model (AEC-Q100-011 Rev. B) - Machine Model (AEC-Q100-003 Rev. E) 4kV 1.25kV 300V Package Moisture Sensitivity Level MSL-2 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability. DC Operating Conditions (TA = -40 C to + 85 C, VDD = 2.7V to 5.5V unless otherwise specified) Symbol Parameter Min Typ Max Units Notes VDD Power Supply 2.7 3.3 5.5 V IDD VDD Supply Current - 12 mA 1 ISB Standby Current 20 50 A 2 ILI Input Leakage Current - 1 A 3 ILO Output Leakage Current - 1 A 3 VIH Input High Voltage 0.7*VDD VDD+0.3 V VIL Input Low Voltage -0.3 0.3*VDD V VOH1 Output High Voltage (IOH = -1 mA, VDD=2.7V) 2.4 V VOH2 Output High Voltage (IOH = -100 A) VDD-0.2 V VOL1 Output Low Voltage (IOL = 2 mA, VDD=2.7V) 0.4 V VOL2 Output Low Voltage (IOL = 150 A) 0.2 V Notes 1. VDD = 5.5V, /CE cycling at minimum cycle time. All inputs at CMOS levels, all outputs unloaded. 2. /CE at VIH, All other pins at CMOS levels (0.2V or VDD-0.2V). 3. VIN, VOUT between VDD and VSS. |
同様の部品番号 - FM18W08 |
|
同様の説明 - FM18W08 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |