データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18W08 データシート(PDF) 9 Page - Ramtron International Corporation

部品番号 FM18W08
部品情報  256Kb Wide Voltage Bytewide F-RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM18W08 データシート(HTML) 9 Page - Ramtron International Corporation

Back Button FM18W08 Datasheet HTML 3Page - Ramtron International Corporation FM18W08 Datasheet HTML 4Page - Ramtron International Corporation FM18W08 Datasheet HTML 5Page - Ramtron International Corporation FM18W08 Datasheet HTML 6Page - Ramtron International Corporation FM18W08 Datasheet HTML 7Page - Ramtron International Corporation FM18W08 Datasheet HTML 8Page - Ramtron International Corporation FM18W08 Datasheet HTML 9Page - Ramtron International Corporation FM18W08 Datasheet HTML 10Page - Ramtron International Corporation FM18W08 Datasheet HTML 11Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FM18W08
Rev. 2.0
Dec. 2011
Page 9 of 11
Write Cycle Timing - /WE Controlled Timing
CE
A0-14
WE
DQ0-7
out
t
AS
t
AH
t
CA
t
WC
t
PC
OE
t
WS
t
WH
DQ0-7
in
t
DS
t
WP
t
WZ
t
WX
t
DH
t
C W
Power Cycle Timing
Power Cycle Timing (TA = -40C to + 85C, VDD = 2.7V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
VDD(min) to First Access Start
10
-
ms
tPD
Last Access Complete to VDD(min)
0
-
s
tVR
VDD Rise Time
30
-
s/V
1
tVF
VDD Fall Time
100
-
s/V
1
Notes
1.
Slope measured at any point on VDD waveform.
V
IH (min)
t
PD
t
PU
V
DD
CE
V
IL (max)
V
DD (min)
t
PC
V
DD (min)
V
IH (min)
V
IH (min)
V
IH (min)
t
PD
t
PD
t
PU
t
PU
V
DD
CE
V
IL (max)
V
IL (max)
V
DD (min)
V
DD (min)
t
PC
t
PC
V
DD (min)
V
DD (min)
V
IH (min)
V
IH (min)


同様の部品番号 - FM18W08

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM18W08 CYPRESS-FM18W08 Datasheet
325Kb / 12P
   256Kb Wide Voltage Bytewide F-RAM
FM18W08-SG CYPRESS-FM18W08-SG Datasheet
325Kb / 12P
   256Kb Wide Voltage Bytewide F-RAM
More results

同様の説明 - FM18W08

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM18W08 CYPRESS-FM18W08 Datasheet
325Kb / 12P
   256Kb Wide Voltage Bytewide F-RAM
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM25W256-G CYPRESS-FM25W256-G Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
FM24W256 CYPRESS-FM24W256 Datasheet
356Kb / 14P
   256Kb Wide Voltage Serial F-RAM
FM25W256 CYPRESS-FM25W256 Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
logo
Ramtron International C...
FM24W256 RAMTRON-FM24W256 Datasheet
231Kb / 13P
   256Kb Wide Voltage Serial F-RAM
FM25W256 RAMTRON-FM25W256 Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com