データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM21LD16 データシート(PDF) 2 Page - Ramtron International Corporation

部品番号 FM21LD16
部品情報  2Mbit F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21LD16 データシート(HTML) 2 Page - Ramtron International Corporation

  FM21LD16_11 Datasheet HTML 1Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 2Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 3Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 4Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 5Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 6Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 7Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 8Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FM21LD16 - 128Kx16 FRAM
Rev. 1.1
Apr. 2011
Page 2 of 15
Figure 1. Block Diagram
Pin Description
Pin Name
Type
Pin Description
A(16:0)
Input
Address inputs: The 17 address lines select one of 131,072 words in the F-RAM array. The
lowest two address lines A(1:0) may be used for page mode read and write operations.
/CE
Input
Chip Enable input: The device is selected and a new memory access begins when /CE is
low. The entire address is latched internally on the falling edge of /CE. Subsequent changes
to the A(1:0) address inputs allow page mode operation when /CE is low.
/WE
Input
Write Enable: A write cycle begins when /WE is asserted. The rising edge causes the
FM21LD16 to write the data on the DQ bus to the F-RAM array. The falling edge of /WE
latches a new column address for page mode write cycles.
/OE
Input
Output Enable: When /OE is low, the FM21LD16 drives the data bus when valid read data is
available. Deasserting /OE high tri-states the DQ pins.
DQ(15:0)
I/O
Data: 16-bit bi-directional data bus for accessing the F-RAM array.
/UB
Input
Upper Byte Select: Enables DQ(15:8) pins during reads and writes. Deasserting /UB high
tri-states the DQ pins. If the user does not perform byte writes and the device is not
configured as a 256Kx8, the /UB and /LB pins may be tied to ground.
/LB
Input
Lower Byte Select: Enables DQ(7:0) pins during reads and writes. Deasserting /LB high tri-
states the DQ pins. If the user does not perform byte writes and the device is not configured
as a 256Kx8, the /UB and /LB pins may be tied to ground.
VDD
Supply
Supply Voltage
VSS
Supply
Ground


同様の部品番号 - FM21LD16_11

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM21LD16-60-BG RAMTRON-FM21LD16-60-BG Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BG CYPRESS-FM21LD16-60-BG Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16-60-BGTR RAMTRON-FM21LD16-60-BGTR Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BGTR CYPRESS-FM21LD16-60-BGTR Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
More results

同様の説明 - FM21LD16_11

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com