データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM22LD16 データシート(PDF) 10 Page - Ramtron International Corporation

部品番号 FM22LD16
部品情報  4Mbit F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM22LD16 データシート(HTML) 10 Page - Ramtron International Corporation

Back Button FM22LD16 Datasheet HTML 6Page - Ramtron International Corporation FM22LD16 Datasheet HTML 7Page - Ramtron International Corporation FM22LD16 Datasheet HTML 8Page - Ramtron International Corporation FM22LD16 Datasheet HTML 9Page - Ramtron International Corporation FM22LD16 Datasheet HTML 10Page - Ramtron International Corporation FM22LD16 Datasheet HTML 11Page - Ramtron International Corporation FM22LD16 Datasheet HTML 12Page - Ramtron International Corporation FM22LD16 Datasheet HTML 13Page - Ramtron International Corporation FM22LD16 Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FM22LD16 - 256Kx16 FRAM
Rev. 2.0
Dec. 2009
Page 10 of 14
Power Cycle Timing (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
Power-Up (after VDD min. is reached) to First Access Time
450
-
µs
tPD
Last Write (/WE high) to Power Down Time
0
-
µs
tVR
VDD Rise Time
50
-
µs/V
1,2
tVF
VDD Fall Time
100
-
µs/V
1,2
Notes
1
Slope measured at any point on VDD waveform.
2
Ramtron cannot test or characterize all VDD power ramp profiles. The behavior of the internal circuits is difficult to predict
when VDD is below the level of a transistor threshold voltage. Ramtron strongly recommends that VDD power up faster than
100ms through the range of 0.4V to 1.0V.
Data Retention (VDD = 2.7V to 3.6V)
Parameter
Min
Units
Notes
Data Retention
10
Years
AC Test Conditions
Input Pulse Levels
0 to 3V
Input and Output Timing Levels
1.5V
Input Rise and Fall Times
3 ns
Output Load Capacitance
30pF
Read Cycle Timing 1 (/CE low, /OE low)
Read Cycle Timing 2 (/CE-controlled)
A(17:0)
DQ(15:0)
tAS
tHZ
tOE
tOH
tOHZ
UB / LB
OE
CE
tBA
tBHZ
tCA
tPC
tAH
tCE


同様の部品番号 - FM22LD16

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM22LD16-55-BG RAMTRON-FM22LD16-55-BG Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16-55-BG CYPRESS-FM22LD16-55-BG Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16-55-BG CYPRESS-FM22LD16-55-BG Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
More results

同様の説明 - FM22LD16

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
FM22L16 CYPRESS-FM22L16 Datasheet
403Kb / 14P
   4Mbit Asynchronous F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22L16 RAMTRON-FM22L16 Datasheet
189Kb / 15P
   4Mbit FRAM Memory
logo
Sharp Corporation
LHF04C10 SHARP-LHF04C10 Datasheet
3Mb / 48P
   4Mbit Flash Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com