データシートサーチシステム |
|
FM24C04B データシート(PDF) 1 Page - Ramtron International Corporation |
|
FM24C04B データシート(HTML) 1 Page - Ramtron International Corporation |
1 / 12 page Preliminary This is a product that has fixed target specifications but are subject Ramtron International Corporation to change pending characterization results. 1850 Ramtron Drive, Colorado Springs, CO 80921 (800) 545-FRAM, (719) 481-7000 Rev. 1.3 www.ramtron.com Feb. 2011 Page 1 of 12 FM24C04B 4Kb Serial 5V F-RAM Memory Features 4K bit Ferroelectric Nonvolatile RAM • Organized as 512 x 8 bits • High Endurance 1012 Read/Writes • 38 Year Data Retention • NoDelay™ Writes • Advanced High-Reliability Ferroelectric Process Fast Two-wire Serial Interface • Up to 1 MHz maximum bus frequency • Direct hardware replacement for EEPROM • Supports legacy timing for 100 kHz & 400 kHz Low Power Operation • 5V operation • 100 µA Active Current (100 kHz) • 4 µA (typ.) Standby Current Industry Standard Configuration • Industrial Temperature -40 ° C to +85° C • 8-pin “Green”/RoHS SOIC (-G) Description The FM24C04B is a 4-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or FRAM is nonvolatile and performs reads and writes like a RAM. It provides reliable data retention for 38 years while eliminating the complexities, overhead, and system level reliability problems caused by EEPROM and other nonvolatile memories. The FM24C04B performs write operations at bus speed. No write delays are incurred. Data is written to the memory array in the cycle after it has been successfully transferred to the device. The next bus cycle may commence immediately without the need for data polling. The FM24C04B is capable of supporting 1012 read/write cycles, or a million times more write cycles than EEPROM. These capabilities make the FM24C04B ideal for nonvolatile memory applications requiring frequent or rapid writes. Examples range from data collection where the number of write cycles may be critical, to demanding industrial controls where the long write time of EEPROM can cause data loss. The combination of features allows more frequent data writing with less overhead for the system. The FM24C04B provides substantial benefits to users of serial EEPROM, yet these benefits are available in a hardware drop-in replacement. The FM24C04B is available in an industry standard 8-pin SOIC package and uses a familiar two-wire protocol. The specifications are guaranteed over the industrial temperature range from -40°C to +85°C. Pin Configuration Pin Names Function A1-A2 Device Select Address 1 and 2 SDA Serial Data/Address SCL Serial Clock WP Write Protect VSS Ground VDD Supply Voltage Ordering Information FM24C04B-G “Green”/RoHS 8-pin SOIC FM24C04B-GTR “Green”/RoHS 8-pin SOIC, Tape & Reel NC A1 A2 VSS VDD WP SCL SDA 1 2 3 4 8 7 6 5 |
同様の部品番号 - FM24C04B |
|
同様の説明 - FM24C04B |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |