データシートサーチシステム |
|
FM24C04B-GTR データシート(PDF) 2 Page - Ramtron International Corporation |
|
FM24C04B-GTR データシート(HTML) 2 Page - Ramtron International Corporation |
2 / 12 page FM24C04B Rev. 1.3 Feb. 2011 Page 2 of 12 Address Latch 64 x 64 FRAM Array Data Latch 8 SDA Counter Serial to Parallel Converter Control Logic SCL WP A1 A2 Figure 1. Block Diagram Pin Description Pin Name I/O Pin Description A1-A2 Input Address 1-2: The address pins set the device select address. The device address value in the 2-wire slave address must match the setting of these two pins. These pins are internally pulled down. SDA I/O Serial Data/Address: This is a bi-directional pin used to shift serial data and addresses for the two-wire interface. It employs an open-drain output and is intended to be wire- OR’d with other devices on the two-wire bus. The input buffer incorporates a Schmitt trigger for noise immunity and the output driver includes slope control for falling edges. A pull-up resistor is required. SCL Input Serial Clock: The serial clock input for the two-wire interface. Data is clocked out of the device on the SCL falling edge, and clocked in on the SCL rising edge. The SCL input also incorporates a Schmitt trigger input for improved noise immunity. WP Input Write Protect: When WP is high, the entire array is write-protected. When WP is low, all addresses may be written. This pin is internally pulled down. NC - No connect VDD Supply Supply Voltage VSS Supply Ground |
同様の部品番号 - FM24C04B-GTR |
|
同様の説明 - FM24C04B-GTR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |