データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C16B データシート(PDF) 4 Page - Ramtron International Corporation

部品番号 FM24C16B
部品情報  16Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C16B データシート(HTML) 4 Page - Ramtron International Corporation

  FM24C16B Datasheet HTML 1Page - Ramtron International Corporation FM24C16B Datasheet HTML 2Page - Ramtron International Corporation FM24C16B Datasheet HTML 3Page - Ramtron International Corporation FM24C16B Datasheet HTML 4Page - Ramtron International Corporation FM24C16B Datasheet HTML 5Page - Ramtron International Corporation FM24C16B Datasheet HTML 6Page - Ramtron International Corporation FM24C16B Datasheet HTML 7Page - Ramtron International Corporation FM24C16B Datasheet HTML 8Page - Ramtron International Corporation FM24C16B Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FM24C16B - 16Kb 5V I2C F-RAM
Rev. 1.3
July 2011
Page 4 of 12
Stop
(Master)
Start
(Master)
7
Data bits
(Transmitter)
6
0
Data bit
(Transmitter)
Acknowledge
(Receiver)
SCL
SDA
Figure 3. Data Transfer Protocol
Stop Condition
A stop condition is indicated when the bus master
drives SDA from low to high while the SCL signal is
high. All operations using the FM24C16B must end
with a Stop condition. If an operation is pending
when a Stop is asserted, the operation will be aborted.
The master must have control of SDA (not a memory
read) in order to assert a Stop condition.
Start Condition
A Start condition is indicated when the bus master
drives SDA from high to low while the SCL signal is
high. All read and write transactions begin with a
Start condition. An operation in progress can be
aborted by asserting a Start condition at any time.
Aborting an operation using the Start condition will
prepare the FM24C16B for a new operation.
If during operation the power supply drops below the
specified VDD minimum, the system should issue a
Start condition prior to performing another operation.
Data/Address Transfer
All data transfers (including addresses) take place
while the SCL signal is high. Except under the two
conditions described above, the SDA signal should
not change while SCL is high. For system design
considerations, keeping SCL in a low state while idle
improves robustness.
Acknowledge
The Acknowledge takes place after the 8
th data bit has
been transferred in any transaction. During this state,
the transmitter should release the SDA bus to allow
the receiver to drive it. The receiver drives the SDA
signal low to acknowledge receipt of the byte. If the
receiver does not drive SDA low, the condition is a
No-Acknowledge and the operation is aborted.
The receiver would fail to acknowledge for two
distinct reasons. First is that a byte transfer fails. In
this case, the No-Acknowledge ends the current
operation so that the part can be addressed again.
This allows the last byte to be recovered in the event
of a communication error.
Second and most common, the receiver does not
acknowledge to deliberately end an operation. For
example, during a read operation, the FM24C16B
will continue to place data onto the bus as long as the
receiver sends Acknowledges (and clocks). When a
read operation is complete and no more data is
needed, the receiver must not acknowledge the last
byte. If the receiver acknowledges the last byte, this
will cause the FM24C16B to attempt to drive the bus
on the next clock while the master is sending a new
command such as a Stop.
Slave Address
The first byte that the FM24C16B expects after a
Start condition is the slave address. As shown in
Figure 4, the slave address contains the device type,
the page of memory to be accessed, and a bit that
specifies if the transaction is a read or a write.
Bits 7-4 are the device type and should be set to
1010b for the FM24C16B. The device type allows
other types of functions to reside on the 2-wire bus
within an identical address range. Bits 3-1 are the
page select. They specify the 256-byte block of
memory that is targeted for the current operation. Bit
0 is the read/write bit. A 0 indicates a write operation.


同様の部品番号 - FM24C16B

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-G CYPRESS-FM24C16B-G Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-GTR CYPRESS-FM24C16B-GTR Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C16B

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com