データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C16B データシート(PDF) 9 Page - Ramtron International Corporation

部品番号 FM24C16B
部品情報  16Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C16B データシート(HTML) 9 Page - Ramtron International Corporation

Back Button FM24C16B Datasheet HTML 4Page - Ramtron International Corporation FM24C16B Datasheet HTML 5Page - Ramtron International Corporation FM24C16B Datasheet HTML 6Page - Ramtron International Corporation FM24C16B Datasheet HTML 7Page - Ramtron International Corporation FM24C16B Datasheet HTML 8Page - Ramtron International Corporation FM24C16B Datasheet HTML 9Page - Ramtron International Corporation FM24C16B Datasheet HTML 10Page - Ramtron International Corporation FM24C16B Datasheet HTML 11Page - Ramtron International Corporation FM24C16B Datasheet HTML 12Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FM24C16B - 16Kb 5V I2C F-RAM
Rev. 1.3
July 2011
Page 9 of 12
AC Parameters (TA = -40 C to + 85 C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
Notes
fSCL
SCL Clock Frequency
0
100
0
400
0
1000
kHz
1
tLOW
Clock Low Period
4.7
1.3
0.6
s
tHIGH
Clock High Period
4.0
0.6
0.4
s
tAA
SCL Low to SDA Data Out Valid
3
0.9
0.55
s
tBUF
Bus Free Before New Transmission
4.7
1.3
0.5
s
tHD:STA
Start Condition Hold Time
4.0
0.6
0.25
s
tSU:STA
Start Condition Setup for Repeated
Start
4.7
0.6
0.25
s
tHD:DAT
Data In Hold Time
0
0
0
ns
tSU:DAT
Data In Setup Time
250
100
100
ns
tR
Input Rise Time
1000
300
300
ns
2
tF
Input Fall Time
300
300
100
ns
2
tSU:STO
Stop Condition Setup
4.0
0.6
0.25
s
tDH
Data Output Hold
(from SCL @ VIL)
0
0
0
ns
tSP
Noise Suppression Time Constant
on SCL, SDA
50
50
50
ns
Notes : All SCL specifications as well as start and stop conditions apply to both read and write operations.
1
The speed-related specifications are guaranteed characteristic points from DC to 1 MHz.
2
This parameter is periodically sampled and not 100% tested.
Capacitance (TA = 25 C, f=1.0 MHz, VDD = 5V)
Symbol
Parameter
Max
Units
Notes
CI/O
Input/Output Capacitance (SDA)
8
pF
1
CIN
Input Capacitance
6
pF
1
Notes
1
This parameter is periodically sampled and not 100% tested.
Power Cycle Timing
VDD min.
VDD
SDA,SCL
tVR
tPD
tPU
tVF
Power Cycle Timing (TA = -40C to +85C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
Power Up (VDD min) to First Access (Start condition)
10
-
ms
tPD
Last Access (Stop condition) to Power Down (VDD min)
0
-
s
tVR
VDD Rise Time
30
-
s/V
1
tVF
VDD Fall Time
100
-
s/V
1
Notes
1.
Slope measured at any point on VDD waveform.


同様の部品番号 - FM24C16B

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-G CYPRESS-FM24C16B-G Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-GTR CYPRESS-FM24C16B-GTR Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C16B

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com