データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C16B-G データシート(PDF) 6 Page - Ramtron International Corporation

部品番号 FM24C16B-G
部品情報  16Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C16B-G データシート(HTML) 6 Page - Ramtron International Corporation

Back Button FM24C16B-G Datasheet HTML 2Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 3Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 4Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 5Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 6Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 7Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 8Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 9Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FM24C16B - 16Kb 5V I2C F-RAM
Rev. 1.3
July 2011
Page 6 of 12
S
A
Slave Address
0
Word Address
A
Data Byte
A
P
By Master
By FM24C16B
Start
Address & Data
Stop
Acknowledge
Figure 5. Single Byte Write
S
A
Slave Address
0
Word Address
A
Data Byte
A P
By Master
By FM24C16B
Start
Address & Data
Stop
Acknowledge
Data Byte
A
Figure 6. Multiple Byte Write
Read Operation
There are two types of read operations. They are
current address read and selective address read. In a
current address read, the FM24C16B uses the internal
address latch to supply the lower 8 address bits. In a
selective read, the user performs a procedure to set
these lower address bits to a specific value.
Current Address & Sequential Read
As mentioned above the FM24C16B uses an internal
latch to supply the lower 8 address bits for a read
operation. A current address read uses the existing
value in the address latch as a starting place for the
read operation. This is the address immediately
following that of the last operation.
To perform a current address read, the bus master
supplies a slave address with the LSB set to 1. This
indicates that a read operation is requested. The 3
page select bits in the slave ID specify the block of
memory that is used for the read operation. On the
next clock, the FM24C16B will begin shifting out
data from the current address. The current address is
the 3 bits from the slave ID combined with the 8 bits
that were in the internal address latch.
Beginning with the current address, the bus master
can read any number of bytes. Thus, a sequential read
is simply a current address read with multiple byte
transfers. After each byte, the internal address counter
will be incremented. Each time the bus master
acknowledges
a
byte
this
indicates
that
the
FM24C16B should read out the next sequential byte.
There are four ways to properly terminate a read
operation. Failing to properly terminate the read will
most likely create a bus contention as the FM24C16B
attempts to read out additional data onto the bus. The
four valid methods are as follows.
1.
The bus master issues a no-acknowledge in the
9
th clock cycle and a stop in the 10th clock cycle.
This is illustrated in the diagrams below. This is
the preferred method.
2.
The bus master issues a no-acknowledge in the
9
th clock cycle and a start in the 10th.
3.
The bus master issues a stop in the 9
th clock
cycle. Bus contention may result.
4.
The bus master issues a start in the 9
th clock
cycle. Bus contention may result.
If the internal address reaches 7FFh it will wrap
around to 000h on the next read cycle. Figures 7 and
8 show the proper operation for current address reads.
Selective (Random) Read
A simple technique allows a user to select a random
address location as the starting point for a read
operation. It uses the first two bytes of a write
operation to set the internal address byte followed by
subsequent read operations.
To perform a selective read, the bus master sends out
the slave address with the LSB set to 0. This specifies
a write operation. According to the write protocol, the
bus master then sends the word address byte that is
loaded into the internal address latch. After the
FM24C16B acknowledges the word address, the bus
master issues a start condition. This simultaneously
aborts the write operation and allows the read
command to be issued with the slave address set to 1.
The operation is now a current address read. This
operation is illustrated in Figure 9.


同様の部品番号 - FM24C16B-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM24C16B-G CYPRESS-FM24C16B-G Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-GTR CYPRESS-FM24C16B-GTR Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C16B-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com