データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C16B-G データシート(PDF) 8 Page - Ramtron International Corporation

部品番号 FM24C16B-G
部品情報  16Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C16B-G データシート(HTML) 8 Page - Ramtron International Corporation

Back Button FM24C16B-G Datasheet HTML 4Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 5Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 6Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 7Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 8Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 9Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 10Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 11Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 12Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FM24C16B - 16Kb 5V I2C F-RAM
Rev. 1.3
July 2011
Page 8 of 12
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +7.0V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +7.0V
and VIN < VDD+1.0V *
TSTG
Storage Temperature
-55C to +125C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
4kV
1.25kV
100V
Package Moisture Sensitivity Level
MSL-1
* Exception: The “VIN < VDD+1.0V” restriction does not apply to the SCL and SDA inputs.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of
this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device
reliability.
DC Operating Conditions (TA = -40 C to + 85 C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Main Power Supply
4.5
5.0
5.5
V
IDD
VDD Supply Current
@ SCL = 100 kHz
@ SCL = 400 kHz
@ SCL = 1 MHz
100
200
400
A
A
A
1
ISB
Standby Current
4
10
A
2
ILI
Input Leakage Current
±1
A
3
ILO
Output Leakage Current
±1
A
3
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VOL
Output Low Voltage
@ IOL = 3 mA
0.4
V
RIN
Input Resistance (WP pin)
For VIN = VIL (max)
For VIN = VIH (min)
40
1
K
M
5
VHYS
Input Hysteresis
0.05 VDD
V
4
Notes
1.
SCL toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2.
SCL = SDA = VDD. All inputs VSS or VDD. Stop command issued.
3.
VIN or VOUT = VSS to VDD. Does not apply to WP pin.
4.
This parameter is characterized but not tested.
5.
The input pull-down circuit is strong (40K) when the input voltage is below VIL and much weaker (1M)
when the input voltage is above VIH.


同様の部品番号 - FM24C16B-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM24C16B-G CYPRESS-FM24C16B-G Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-GTR CYPRESS-FM24C16B-GTR Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C16B-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com