データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C16B-G データシート(PDF) 10 Page - Ramtron International Corporation

部品番号 FM24C16B-G
部品情報  16Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C16B-G データシート(HTML) 10 Page - Ramtron International Corporation

Back Button FM24C16B-G Datasheet HTML 4Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 5Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 6Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 7Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 8Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 9Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 10Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 11Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 12Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FM24C16B - 16Kb 5V I2C F-RAM
Rev. 1.3
July 2011
Page 10 of 12
AC Test Conditions
Equivalent AC Load Circuit
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Diagram Notes
All start and stop timing parameters apply to both read and write cycles.
Clock specifications are identical for read and write cycles. Write timing
parameters apply to slave address, word address, and write data bits.
Functional relationships are illustrated in the relevant data sheet sections.
These diagrams illustrate the timing parameters only.
Read Bus Timing
t
SU:SDA
Start
t
R
t
F
Stop Start
t
BUF
t
HIGH
1/fSCL
t
LOW
t
SP
t
SP
Acknowledge
t
HD:DAT
t
SU:DAT
t
AA
t
DH
SCL
SDA
Write Bus Timing
t
SU:STO
Start
Stop Start
Acknowledge
t
AA
t
HD:DAT
t
HD:STA
t
SU:DAT
SCL
SDA
Data Retention
Symbol
Parameter
Min
Max
Units
Notes
TDR
@
+85ºC
10
-
Years
@
+80ºC
19
-
Years
@
+75ºC
38
-
Years
5.5V
Output
1700
100 pF


同様の部品番号 - FM24C16B-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM24C16B-G CYPRESS-FM24C16B-G Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-GTR CYPRESS-FM24C16B-GTR Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C16B-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com