データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C16B-G データシート(PDF) 2 Page - Ramtron International Corporation

部品番号 FM24C16B-G
部品情報  16Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C16B-G データシート(HTML) 2 Page - Ramtron International Corporation

  FM24C16B-G Datasheet HTML 1Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 2Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 3Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 4Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 5Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 6Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 7Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 8Page - Ramtron International Corporation FM24C16B-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FM24C16B - 16Kb 5V I2C F-RAM
Rev. 1.3
July 2011
Page 2 of 12
Address
Latch
`
256 x 64
FRAM Array
Data Latch
8
SDA
Counter
Serial to Parallel
Converter
Control Logic
SCL
WP
Figure 1. Block Diagram
Pin Description
Pin Name
Type
Pin Description
SDA
I/O
Serial Data Address: This is a bi-directional data pin for the two-wire interface. It
employs an open-drain output and is intended to be wire-OR‟d with other devices on the
two-wire bus. The input buffer incorporates a Schmitt trigger for noise immunity and the
output driver includes slope control for falling edges. A pull-up resistor is required.
SCL
Input
Serial Clock: The serial clock input for the two-wire interface. Data is clocked-out on
the falling edge and clocked-in on the rising edge.
WP
Input
Write Protect: When WP is high, the entire array is write-protected. When WP is low,
all addresses may be written. This pin is internally pulled down.
VDD
Supply
Supply Voltage (5V)
VSS
Supply
Ground
NC
-
No connect


同様の部品番号 - FM24C16B-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM24C16B-G CYPRESS-FM24C16B-G Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-GTR CYPRESS-FM24C16B-GTR Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C16B-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com