データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C16B-GTR データシート(PDF) 7 Page - Ramtron International Corporation

部品番号 FM24C16B-GTR
部品情報  16Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C16B-GTR データシート(HTML) 7 Page - Ramtron International Corporation

Back Button FM24C16B-GTR Datasheet HTML 3Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 4Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 5Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 6Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 7Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 8Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 9Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 10Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Ramtron
FM24C16B - 16Kb 5V I2C F-RAM
19 July 2011
7/12
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24C16B
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Figure 7. Current Address Read
S
A
Slave Address
1
Data Byte
1 P
By Master
By FM24C16B
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Data Byte
A
Acknowledge
Figure 8. Sequential Read
S
A
Slave Address
1
Data Byte
1 P
By Master
By FM24C16B
Start
Address
Stop
No
Acknowledge
Data
Data Byte
A
Acknowledge
S
A
Slave Address
0
Word Address
A
Start
Address
Acknowledge
Figure 9. Selective (Random) Read
Endurance
The FM24C16B internally operates with a read and
restore mechanism. Therefore, endurance cycles are
applied for each read or write cycle. The memory
architecture is based on an array of rows and
columns. Each read or write access causes an
endurance cycle for an entire row. In the FM24C16B,
a row is 64 bits wide. Every 8-byte boundary marks
the beginning of a new row. Endurance can be
optimized by ensuring frequently accessed data is
located in different rows. Regardless, FRAM read
and write endurance is effectively unlimited at the
1MHz two-wire speed. Even at 3000 accesses per
second to the same row, 10 years time will elapse
before 1 trillion endurance cycles occur.


同様の部品番号 - FM24C16B-GTR

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM24C16B-GTR CYPRESS-FM24C16B-GTR Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C16B-GTR

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com