データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C16B-GTR データシート(PDF) 1 Page - Ramtron International Corporation

部品番号 FM24C16B-GTR
部品情報  16Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C16B-GTR データシート(HTML) 1 Page - Ramtron International Corporation

  FM24C16B-GTR Datasheet HTML 1Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 2Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 3Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 4Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 5Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 6Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 7Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 8Page - Ramtron International Corporation FM24C16B-GTR Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
Rev. 1.3
www.ramtron.com
July 2011
Page 1 of 12
FM24C16B
16Kb Serial 5V F-RAM Memory
Features
16K bit Ferroelectric Nonvolatile RAM
Organized as 2,048 x 8 bits
High Endurance (10
12) Read/Write Cycles
38 year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Fast Two-wire Serial Interface
Up to 1MHz maximum bus frequency
Direct hardware replacement for EEPROM
Supports legacy timing for 100 kHz & 400 kHz
Low Power Operation
5V operation
100 A Active Current (100 kHz)
4 A (typ.) Standby Current
Industry Standard Configuration
Industrial Temperature -40 C to +85 C
8-pin “Green”/RoHS SOIC (-G)
Description
The FM24C16B is a 16-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 38 years
while eliminating the complexities, overhead, and
system level reliability problems caused by EEPROM
and other nonvolatile memories.
The FM24C16B performs write operations at bus
speed. No write delays are incurred. Data is written to
the memory array in the cycle after it has been
successfully transferred to the device. The next bus
cycle may commence immediately without the need
for data polling. The FM24C16B is capable of
supporting 10
12 read/write cycles, or a million times
more write cycles than EEPROM.
These capabilities make the FM24C16B ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time
of
EEPROM
can
cause
data
loss.
The
combination of features allows the system to write
data more frequently, with less system overhead.
The FM24C16B provides substantial benefits to users
of serial EEPROM, and these benefits are available as
a hardware drop-in replacement. The FM24C16B is
available in an industry standard 8-pin SOIC package
and
uses
a
familiar
two-wire
protocol.
The
specifications are guaranteed over the industrial
temperature range from -40°C to +85°C.
Pin Configuration
Pin Names
Function
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VSS
Ground
VDD
Supply Voltage
Ordering Information
FM24C16B-G
“Green”/RoHS 8-pin SOIC
FM24C16B-GTR
“Green”/RoHS 8-pin SOIC,
Tape & Reel
NC
NC
NC
VSS
VDD
WP
SCL
SDA
1
2
3
4
8
7
6
5


同様の部品番号 - FM24C16B-GTR

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM24C16B-GTR CYPRESS-FM24C16B-GTR Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C16B-GTR

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com