データシートサーチシステム |
|
FM24C64C データシート(PDF) 1 Page - Ramtron International Corporation |
|
FM24C64C データシート(HTML) 1 Page - Ramtron International Corporation |
1 / 12 page Preliminary This is a product that has fixed target specifications but are subject Ramtron International Corporation to change pending characterization results. 1850 Ramtron Drive, Colorado Springs, CO 80921 (800) 545-FRAM, (719) 481-7000 Rev. 1.1 www.ramtron.com June 2011 Page 1 of 12 FM24C64C 64Kb Serial 5V F-RAM Memory Features 64K bit Ferroelectric Nonvolatile RAM Organized as 8,192 x 8 bits High Endurance 1 Trillion (10 12) Read/Writes 36 Year Data Retention at +75C NoDelay™ Writes Advanced High-Reliability Ferroelectric Process Fast Two-wire Serial Interface Up to 1 MHz maximum bus frequency Direct hardware replacement for EEPROM Supports legacy timing for 100 kHz & 400 kHz Low Power Operation 5V operation 100 A Active Current (100 kHz) 4 A (typ.) Standby Current Industry Standard Configuration Industrial Temperature -40 C to +85 C 8-pin “Green”/RoHS SOIC (-G) Description The FM24C64C is a 64-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or FRAM is nonvolatile and performs reads and writes like a RAM. It provides reliable data retention for 36 years while eliminating the complexities, overhead, and system level reliability problems caused by EEPROM and other nonvolatile memories. The FM24C64C performs write operations at bus speed. No write delays are incurred. Data is written to the memory array in the cycle after it has been successfully transferred to the device. The next bus cycle may commence immediately without the need for data polling. The FM24C64C is capable of supporting 10 12 read/write cycles, or a million times more write cycles than EEPROM. These capabilities make the FM24C64C ideal for nonvolatile memory applications requiring frequent or rapid writes. Examples range from data collection where the number of write cycles may be critical, to demanding industrial controls where the long write time of EEPROM can cause data loss. The combination of features allows more frequent data writes with less overhead for the system. The FM24C64C provides substantial benefits to users of serial EEPROM, yet these benefits are available in a hardware drop-in replacement. The FM24C64C is available in an industry standard 8-pin SOIC package and uses a familiar two-wire protocol. The specifications are guaranteed over an industrial temperature range of -40°C to +85°C. Pin Configuration A0 A1 A2 VSS VDD WP SCL SDA 1 2 3 4 8 7 6 5 Pin Names Function A0-A2 Device Select Address SDA Serial Data/address SCL Serial Clock WP Write Protect VSS Ground VDD Supply Voltage Ordering Information FM24C64C-G “Green”/RoHS 8-pin SOIC FM24C64C-GTR “Green”/RoHS 8-pin SOIC, Tape & Reel |
同様の部品番号 - FM24C64C |
|
同様の説明 - FM24C64C |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |