データシートサーチシステム |
|
FM24CL04B データシート(PDF) 9 Page - Ramtron International Corporation |
|
FM24CL04B データシート(HTML) 9 Page - Ramtron International Corporation |
9 / 12 page FM24CL04B Rev. 1.3 Feb. 2011 Page 9 of 12 AC Parameters (TA = -40° C to + 85° C, VDD = 2.7V to 3.65V, CL = 100 pF unless otherwise specified) Symbol Parameter Min Max Min Max Min Max Units Notes fSCL SCL Clock Frequency 0 100 0 400 0 1000 kHz tLOW Clock Low Period 4.7 1.3 0.6 µs tHIGH Clock High Period 4.0 0.6 0.4 µs tAA SCL Low to SDA Data Out Valid 3 0.9 0.55 µs tBUF Bus Free Before New Transmission 4.7 1.3 0.5 µs tHD:STA Start Condition Hold Time 4.0 0.6 0.25 µs tSU:STA Start Condition Setup for Repeated Start 4.7 0.6 0.25 µs tHD:DAT Data In Hold 0 0 0 ns tSU:DAT Data In Setup 250 100 100 ns tR Input Rise Time 1000 300 300 ns 1 tF Input Fall Time 300 300 100 ns 1 tSU:STO Stop Condition Setup 4.0 0.6 0.25 µs tDH Data Output Hold (from SCL @ VIL) 0 0 0 ns tSP Noise Suppression Time Constant on SCL, SDA 50 50 50 ns Notes : All SCL specifications as well as start and stop conditions apply to both read and write operations. 1 This parameter is periodically sampled and not 100% tested. Capacitance (TA = 25 ° C, f=1.0 MHz, VDD = 3V) Symbol Parameter Max Units Notes CI/O Input/Output Capacitance (SDA) 8 pF 1 CIN Input Capacitance 6 pF 1 Notes 1 This parameter is periodically sampled and not 100% tested. Power Cycle Timing Power Cycle Timing (TA = -40 °C to +85°C, VDD = 2.7V to 3.65V unless otherwise specified) Symbol Parameter Min Max Units Notes tPU Power Up (VDD min) to First Access (Start condition) 10 - ms tPD Last Access (Stop condition) to Power Down (VDD min) 0 - µs tVR VDD Rise Time 30 - µs/V 1 tVF VDD Fall Time 100 - µs/V 1 Notes 1. Slope measured at any point on VDD waveform. |
同様の部品番号 - FM24CL04B |
|
同様の説明 - FM24CL04B |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |