データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM1608B データシート(PDF) 7 Page - Ramtron International Corporation

部品番号 FM1608B
部品情報  64Kb Bytewide 5V F-RAM Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1608B データシート(HTML) 7 Page - Ramtron International Corporation

Back Button FM1608B Datasheet HTML 3Page - Ramtron International Corporation FM1608B Datasheet HTML 4Page - Ramtron International Corporation FM1608B Datasheet HTML 5Page - Ramtron International Corporation FM1608B Datasheet HTML 6Page - Ramtron International Corporation FM1608B Datasheet HTML 7Page - Ramtron International Corporation FM1608B Datasheet HTML 8Page - Ramtron International Corporation FM1608B Datasheet HTML 9Page - Ramtron International Corporation FM1608B Datasheet HTML 10Page - Ramtron International Corporation FM1608B Datasheet HTML 11Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FM1608B – 64Kb Bytewide 5V F-RAM
Rev. 1.2
Mar. 2011
Page 7 of 11
Read Cycle AC Parameters (TA = -40° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tCE
Chip Enable Access Time (to data valid)
70
ns
tCA
Chip Enable Active Time
70
ns
tRC
Read Cycle Time
130
ns
tPC
Precharge Time
60
ns
tAS
Address Setup Time
0
ns
tAH
Address Hold Time
15
ns
tOE
Output Enable Access Time
12
ns
tHZ
Chip Enable to Output High-Z
15
ns
1
tOHZ
Output Enable to Output High-Z
15
ns
1
Write Cycle AC Parameters (TA = -40° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tCA
Chip Enable Active Time
70
ns
tCW
Chip Enable to Write High
70
ns
tWC
Write Cycle Time
130
ns
tPC
Precharge Time
60
ns
tAS
Address Setup Time
0
ns
tAH
Address Hold Time
15
ns
tWP
Write Enable Pulse Width
40
ns
tDS
Data Setup
30
ns
tDH
Data Hold
0
ns
tWZ
Write Enable Low to Output High Z
15
ns
1
tWX
Write Enable High to Output Driven
10
ns
1
tHZ
Chip Enable to Output High-Z
15
ns
1
tWS
Write Enable Setup
0
ns
2
tWH
Write Enable Hold
0
ns
2
Notes
1
This parameter is periodically sampled and not 100% tested.
2
The relationship between /CE and /WE determines if a /CE- or /WE-controlled write occurs. There is no timing
specification associated with this relationship.
Data Retention
Symbol
Parameter
Min
Max
Units
Notes
TDR
@
+85ºC
10
-
Years
@
+80ºC
19
-
Years
@
+75ºC
38
-
Years


同様の部品番号 - FM1608B

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM1608B-SG CYPRESS-FM1608B-SG Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
More results

同様の説明 - FM1608B

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com