データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD1-2D00-031 データシート(PDF) 5 Page - Magnetrol International, Inc.

部品番号 TD1-2D00-031
部品情報  Thermal Dispersion Flow/Level/Interface Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAGNETROL [Magnetrol International, Inc.]
ホームページ  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1-2D00-031 データシート(HTML) 5 Page - Magnetrol International, Inc.

  TD1-2D00-031 Datasheet HTML 1Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 2Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 3Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 4Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 5Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 6Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 7Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 8Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
P R O B E
D E S I G N S
THERMATEL offers two sensor tip designs—the original
twin tip and the unique spherical tip. Both designs
have similar operating ranges.
The sensors in the twin tip are mounted at the end of
each tip. In the spherical tip, the sensors are bonded
directly to the wall of the tip, providing protection of
the sensors.
The spherical tip is recommended for all types of
applications—general purpose, high viscosity, and
applications where buildup can occur.
Twin tip
Spherical tip
Spherical Tip
For general purpose use, liquid flow applications,
buildup, and hygienic service. Suitable for gas
flow applications. Maximum temperature of
+400° F (+200° C).
Twin Tip
For higher pressures up to 3000 psig, corrosion resistant
materials including Monel and Hastelloy C. Twin tip
probes are preferred for air flow applications.
Maximum temperature of +400° F (+200° C).
High Temperature/High Pressure (HTHP)
Suitable for temperatures up to +850º F (+454º C)
Pressures up to 6000 psi (410 bar). Available in both
316/316L stainless steel and Hastelloy C construction.
Mini Sensor
This twin tip sensor is suitable for installing in a Tee
in smaller pipe sizes. Available with
12", 34" and 1" NPT
connections for use with appropriate tee connection.
The twin tip design provides minimal blockage of
the pipe.
Low Flow Body
Used for even lower flow rates with
14" and 12"
connections. Liquid flow as low as 0.0055 gph (0.02 l/h)
and gas flow rates of 100 sccm can be detected.
Recommended set point ranges for various size tees
8.00
9.00
10.00
11.00
12.00
13.00
14.00
15.00
5.00
4.00
3.00
1.00
2.00
0.00
Typical Water Flow
Spherical Tip
Twin Tip
Hastelloy
fps
Size
Water
Air
1
4"
Flow body
0.0055 GPH – 1.5 GPH
(0.02 – 5.7 l/h)
100 sccm to 200 SCFH
(100 sccm to 5.75 Nm3/h)
1
2"
Flow body
0.01 to 3 GPH
(0.04 to 11.5 l/h)
250 sccm to 400 SCFH
(250 sccm to 11.5 Nm3/h)
1
2" Tee
0.2 to 180 GPH
(0.75 to 680 l/h)
0.5 to 70 SCFM
(0.85 to 120 Nm3/h)
3
4" Tee
0.5 to 240 GPH
(2 to 900 l/h)
1.5 to 100 SCFM
(2.5 to 170 Nm3/h)
1" Tee
1 to 420 GPH
(3.8 to 1600 l/h)
3 to 170 SCFM
(5 to 290 Nm3/h)
0
4.00
6.00
8.00
10.00
12.00
16.00
18.00
fps
14.00
50
100
150
200
Typical Air Flow
Twin Tip
Spherical Tip
Hastelloy


同様の部品番号 - TD1-2D00-031

メーカー部品番号データシート部品情報
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
More results

同様の説明 - TD1-2D00-031

メーカー部品番号データシート部品情報
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Emcore Corporation
359C EMCORE-359C Datasheet
499Kb / 2P
   Dispersion Compensation Module
359B EMCORE-359B Datasheet
413Kb / 2P
   Zero Dispersion Modules
logo
Systemsensor advanced i...
ZONECHECK SYSTEMSENSOR-ZONECHECK Datasheet
122Kb / 4P
   Flow Switch Tester
logo
Magnetrol International...
960-58A0-030 MAGNETROL-960-58A0-030 Datasheet
414Kb / 16P
   Actuator- Sensor-Interface (AS-Interface짰) Ultrasonic Level Switch
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
   LIQUID FLOW SWITCH
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com