データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD1-2D00-031 データシート(PDF) 2 Page - Magnetrol International, Inc.

部品番号 TD1-2D00-031
部品情報  Thermal Dispersion Flow/Level/Interface Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAGNETROL [Magnetrol International, Inc.]
ホームページ  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1-2D00-031 データシート(HTML) 2 Page - Magnetrol International, Inc.

  TD1-2D00-031 Datasheet HTML 1Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 2Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 3Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 4Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 5Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 6Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 7Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 8Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
T E M P E R A T U R E
C O M P E N S A T I O N
The alarm point of thermal dispersion switches has
previously been affected by changing temperatures.
With the TD1/TD2, the effect of varying process
temperature has been greatly reduced.
F A C T O R Y
C A L I B R A T I O N
The THERMATEL flow switch can be ordered factory
calibrated to alarm at a specified flow rate. A complete
calibration curve can also be provided for the TD2.
Using this curve the user can determine the desired set
point. Using a volt meter, adjust the set point until the
desired alarm point is obtained. Calibration can be per-
formed on water and select organic compounds.
H O T
T A P
Hot tap retractable probe assemblies for THERMATEL
probes are available. See Bulletin 41-103.
F A U L T
D E T E C T I O N
One of the major concerns is questioning if the switch
will operate when an alarm condition occurs. The
TD1/TD2 is equipped with advanced diagnostics which
continuously monitor the signal from the sensor and
indicate if the signal has gone out of range. In the event
of a fault, the alarm relay will de-energize and the red
LED will blink. In the TD2 the mA output will change
to 3.6 mA (Low Level Fail-safe) or 22 mA (High Level
Fail-safe) to indicate a fault.
A D V A N C E D
F E A T U R E S
-
T D 1
&
T D 2
Flow (fps)
Flow (fps)
+70
° F (+21° C)
+150
° F (+66° C)
+240
° F (+116° C)
No Temperature Compensation
With Temperature Compensation


同様の部品番号 - TD1-2D00-031

メーカー部品番号データシート部品情報
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
More results

同様の説明 - TD1-2D00-031

メーカー部品番号データシート部品情報
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Emcore Corporation
359C EMCORE-359C Datasheet
499Kb / 2P
   Dispersion Compensation Module
359B EMCORE-359B Datasheet
413Kb / 2P
   Zero Dispersion Modules
logo
Systemsensor advanced i...
ZONECHECK SYSTEMSENSOR-ZONECHECK Datasheet
122Kb / 4P
   Flow Switch Tester
logo
Magnetrol International...
960-58A0-030 MAGNETROL-960-58A0-030 Datasheet
414Kb / 16P
   Actuator- Sensor-Interface (AS-Interface짰) Ultrasonic Level Switch
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
   LIQUID FLOW SWITCH
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com