データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CPH5905 データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 CPH5905
部品情報  High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH5905 データシート(HTML) 5 Page - Sanyo Semicon Device

  CPH5905_05 Datasheet HTML 1Page - Sanyo Semicon Device CPH5905_05 Datasheet HTML 2Page - Sanyo Semicon Device CPH5905_05 Datasheet HTML 3Page - Sanyo Semicon Device CPH5905_05 Datasheet HTML 4Page - Sanyo Semicon Device CPH5905_05 Datasheet HTML 5Page - Sanyo Semicon Device CPH5905_05 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPH5905
No.7177-5/6
[TR]
[TR]
3
100
2
5
7
3
2
5
7
1.0
10
52
7
3
2
100
57
3
2
3
1.0
10
2
3
2
5
5
7
1.0
10
57
5
7
3
2
f T -- IC
ITR10380
Cib -- VEB
ITR10381
VCE=6V
f=1MHz
Collector Current, IC -- mA
Emitter-to-Base Voltage, VEB -- V
PC -- Ta
IT09867
[TR]
[TR]
1.0
7
23
5
7
22
35
10
100
5
3
1.0
10
7
5
3
2
7
VBE(sat) -- IC
IC / IB=10
ITR10384
75
°C
Ta= --25°C
25°C
[TR]
[TR]
3
10
2
3
2
5
5
7
1.0
5
7
1.0
10
57
57
3
2
100
57
3
2
Cob -- VCB
ITR10382
f=1MHz
1.0
7
23
5
7
22
35
10
100
5
3
2
0.1
1.0
7
5
3
2
3
2
7
VCE(sat) -- IC
IC / IB=10
ITR10383
25
°C
Ta=75
°C
--25°
C
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
Collector Current, IC -- mA
Ambient Temperature, Ta --
°C
0
20
40
60
80
100
120
140
160
0
100
50
200
300
150
250
350
400
Mounted
on
a
ceramic
board
(600mm
2!
0.8mm)


同様の部品番号 - CPH5905_05

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
CPH5905G-TL-E SANYO-CPH5905G-TL-E Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
logo
ON Semiconductor
CPH5905G-TL-E ONSEMI-CPH5905G-TL-E Datasheet
424Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type, CPH5
August, 2013
logo
Sanyo Semicon Device
CPH5905H-TL-E SANYO-CPH5905H-TL-E Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
logo
ON Semiconductor
CPH5905H-TL-E ONSEMI-CPH5905H-TL-E Datasheet
424Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type, CPH5
August, 2013
logo
Sanyo Semicon Device
CPH5905 SANYO-CPH5905_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
More results

同様の説明 - CPH5905_05

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
MCH5908 SANYO-MCH5908 Datasheet
52Kb / 4P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5902 SANYO-CPH5902 Datasheet
66Kb / 6P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901 Datasheet
106Kb / 6P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5905 SANYO-CPH5905 Datasheet
54Kb / 5P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
logo
Sanyo Semicon Device
CPH5902 SANYO-CPH5902_12 Datasheet
547Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
CPH5905 SANYO-CPH5905_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com