データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1193M データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LA1193M
部品情報  High-Performance FM Front End
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1193M データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LA1193M_08 Datasheet HTML 4Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 5Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 6Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 7Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 8Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 9Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 10Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 11Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LA1193M, 1193V
No.4715-8/22
Continued from preceding page.
Pin No.
Function
Equivalent circuit
Note
17
IF, AGC, VCC
20
Keyed AGC input
Controls the narrow AGC.
1. Oscillator Circuit
Steps were taken to prevent AMR degradation during earlier product type
AGC operation, since the local oscillator block in this IC has independent
Vd (pin 5) and ground (pin 3) connections.
This is a Colpitts oscillator and has the same structure as that used in
earlier circuits. The oscillation level and intensity are changed by
capacitors C2-4, C4 and CP.
2. Local Oscillator Buffer Output
This buffer is an emitter follower circuit.
If desired, the buffer efficiency can be increased by inserting a resistor
between pin 1 and ground to pass more current through the buffer
transistor. However, this current must be limited so that Pdmax for the
package is not exceeded.


同様の部品番号 - LA1193M_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
More results

同様の説明 - LA1193M_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
TA7358P UTC-TA7358P Datasheet
85Kb / 5P
   FM FRONT-END
logo
New Japan Radio
NJM2236 NJRC-NJM2236 Datasheet
248Kb / 7P
   FM FRONT-END
logo
Toshiba Semiconductor
TA8116F TOSHIBA-TA8116F Datasheet
298Kb / 4P
   FM FRONT END
logo
Samsung semiconductor
KA22497-D SAMSUNG-KA22497-D Datasheet
227Kb / 10P
   FM FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com