データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1193M データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LA1193M
部品情報  High-Performance FM Front End
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1193M データシート(HTML) 2 Page - Sanyo Semicon Device

  LA1193M Datasheet HTML 1Page - Sanyo Semicon Device LA1193M Datasheet HTML 2Page - Sanyo Semicon Device LA1193M Datasheet HTML 3Page - Sanyo Semicon Device LA1193M Datasheet HTML 4Page - Sanyo Semicon Device LA1193M Datasheet HTML 5Page - Sanyo Semicon Device LA1193M Datasheet HTML 6Page - Sanyo Semicon Device LA1193M Datasheet HTML 7Page - Sanyo Semicon Device LA1193M Datasheet HTML 8Page - Sanyo Semicon Device LA1193M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LA1193M, 1193V
No.4715-2/22
Functions
• Double-balance mixer
• Pin diode drive output
• Differential IF amplifier
• Dual-system wide-band AGC circuit
• Local buffer output
• 3D-AGC system
• FET gate drive AGC output
• IF amplifier gain control pin
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max
VCC for pins 5 and 17
9
V
Maximum supply voltage
VCC max mix
VCC for pins 10 and 11
15
V
Pd max
LA1193M : (Ta
≤ 70°C)
Mounted on a 41
×30×1.1mm3 glass-Epoxy board
500
mW
Allowable power dissipation
Pd max
LA1193V : (Ta
≤ 70°C)
Mounted on a 23
×36×1.6mm3 glass-Epoxy board
500
mW
Operating temperature
Topr
*
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
Note :
* Connect a resistor (up to 10kΩ) between pins 17 and 19.
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
8.0
V
Operating supply voltage range
VCC op
7.6 to 9
V
Electrical Characteristics at Ta = 25
°C, VCC = 8.0V, in the specified test circuit, f = 88MHz, fOSC = 77.3MHz
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
ICCO
No input, VCONT = 0V
19
24
29
mA
Antenna damping current
ANT-DI
88MHz, 100dB
µ, VCONT = 4.0V
7.0
9.5
12.5
mA
AGC high voltage
VAGC-H
88MHz, 0dB
µ, VCONT = 4.0V
7.6
7.9
V
AGC low voltage
VAGC-L
88MHz, 100dB
µ, VCONT = 4.0V
0.4
0.9
V
Saturation output voltage
VOUT
88MHz, 110dB
µ, VCONT = 4.0V
97
110
dB
µ
−3dB limiting sensitivity
Vi-Limit
88MHz, 110dB
µ, VCONT = 4.0V
78
85
92
dB
µ
Conversion gain
A. V
88MHz, 75dB
µ, VCONT = 4.0V
98
101
104
dB
µ
Local buffer output
VOSC-Buff
No input, no modulation
105
109
dB
µ
Narrow VAGC-ON
V-NAGC
88MHz, VCONT = 4.0V, at an input level
such that VAGC-OUT is 2V or less
73
(76)
80
(83)
87
(90)
dB
µ
Wide VAGC-ON
V-WAGC
88MHz, VCONT = 0V, at an input level
such that VAGC-OUT is 2V or less
97
101
105
dB
µ
3D-AGC-ON
V3D-AGC
88MHz, VCONT variable, with 95dBµ
being the VCONT voltage input such that
VAGC-OUT switches from high to low and
2.0V as the VAGC threshold value.
0.4
0.6
0.8
V
Note : Values in parenthesis are for LA1193V.


同様の部品番号 - LA1193M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
More results

同様の説明 - LA1193M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
TA7358P UTC-TA7358P Datasheet
85Kb / 5P
   FM FRONT-END
logo
New Japan Radio
NJM2236 NJRC-NJM2236 Datasheet
248Kb / 7P
   FM FRONT-END
logo
Toshiba Semiconductor
TA8116F TOSHIBA-TA8116F Datasheet
298Kb / 4P
   FM FRONT END
logo
Samsung semiconductor
KA22497-D SAMSUNG-KA22497-D Datasheet
227Kb / 10P
   FM FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com