データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1837 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LA1837
部品情報  For Home Stereo IC with Electronic Tuning Support Single-Chip IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1837 データシート(HTML) 3 Page - Sanyo Semicon Device

  LA1837 Datasheet HTML 1Page - Sanyo Semicon Device LA1837 Datasheet HTML 2Page - Sanyo Semicon Device LA1837 Datasheet HTML 3Page - Sanyo Semicon Device LA1837 Datasheet HTML 4Page - Sanyo Semicon Device LA1837 Datasheet HTML 5Page - Sanyo Semicon Device LA1837 Datasheet HTML 6Page - Sanyo Semicon Device LA1837 Datasheet HTML 7Page - Sanyo Semicon Device LA1837 Datasheet HTML 8Page - Sanyo Semicon Device LA1837 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LA1837
Package Dimensions
unit : mm (typ)
3196A
Pd max – Ta
0
300
400
500
550
200
100
600
--40
--20
80
20
40
60
0
100
Ambient temperature, Ta --
°C
SANYO : DIP30SD(400mil)
(1.04)
1.78
0.95
0.48
115
30
16
27.0
Block Diagram
FM IFT
OSC
BUFF
FM SD
BAND-W
VT
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
+
+
+
+
+
L.P.F
L.P.F
+
AM-STEREO
L/R-INPUT
L
L-OUT R-OUT
R
ST
+
+
FM
AM
MONO
Top view
VCC
+
+
+
VCC
GND
FM IN
(10.7MHz)
BUFF
ALC
REG
AM
OSC
FM
DET
SD
COMP
FM
S-METER
AM
S-METER
TUNING
DRIVE
STEREO
DRIVE
STEREO
SW
AM / FM
IF-BUFF
S-CURVE
AM
RF.AMP
AM
MIX
AGC
AM IF
AM IF
DET
DECODER
ANTI-BIRDIE
3 rd 5 th
P-DET
φ
VCO
304kHz
PILOT
DET
FF
19k
∠θ
FF
38k
FF
19k
2
MUTE
π
No.5688-3/9


同様の部品番号 - LA1837

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837M SANYO-LA1837M Datasheet
124Kb / 9P
   LA1837M
LA1837M SANYO-LA1837M Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
   Single-Chip AM/FM Tuner IC
May, 2013
logo
Sanyo Semicon Device
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
More results

同様の説明 - LA1837

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
LA1836 SANYO-LA1836 Datasheet
535Kb / 13P
   Single-Chip Home Stereo Electronic Tuning IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com